Electronic Components Datasheet Search
  English  ▼

X  

LM319M Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM319M
Description  High Speed Dual Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM319M Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM319M Datasheet HTML 3Page - National Semiconductor (TI) LM319M Datasheet HTML 4Page - National Semiconductor (TI) LM319M Datasheet HTML 5Page - National Semiconductor (TI) LM319M Datasheet HTML 6Page - National Semiconductor (TI) LM319M Datasheet HTML 7Page - National Semiconductor (TI) LM319M Datasheet HTML 8Page - National Semiconductor (TI) LM319M Datasheet HTML 9Page - National Semiconductor (TI) LM319M Datasheet HTML 10Page - National Semiconductor (TI) LM319M Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Typical Applications (Note 15)
Connection Diagrams
Relay Driver
DS005705-5
Note 15: Pin numbers are for metal can package.
Window Detector
DS005705-6
VOUT = 5V for
VLT ≤ VIN ≤ VUT
VOUT = 0 for
VIN ≤ VLTor VIN ≥ VUT
Metal Can Package
DS005705-7
Case is connected to pin 5 (V−)
Top View
Order Number LM119H, LM119H/883 (Note 1),
or LM319H
See NS Package Number H10C
DS005705-9
Order Number LM119W/883
See NS Package Number W10A
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com