Electronic Components Datasheet Search
  English  ▼

X  

282DM2LP11000 Datasheet(PDF) 1 Page - ETRI

Part # 282DM2LP11000
Description  DC Axial Fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

282DM2LP11000 Datasheet(HTML) 1 Page - ETRI

  282DM2LP11000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2011
L-10 LIFE AT 40°C:
70 000 hours
Life expectancy
Approvals
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
282DL
282DM
282DH
282DS
R
Additional versions:
5V
Brushless DC Motor
Electrical protection: integrated circuit
Housing material: plastic UL 94 V0
Impeller material: plastic UL 94 V0
Maximum weight: 44g
Bearing system: ball bearings
Connection: flying leads
IP 20
Available with:
- Speed sensor
- Alarm (except for 5V)
-IP 54/IP 55
Part Number
Nominal voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
282DL1LP11000
12
5,5
24
3000
0,8
(7-13,8)
-10
70
5,5
24
3000
1,0
(14-27,6)
-10
70
6,4
29
3500
1,0
(7-13,8)
-10
70
24
6,4
29
3500
1,2
(14-27,6)
-10
70
282DH1LP11000
12
7,3
32
4000
1,2
(7-13,8)
-10
70
282DH2LP11000
24
7,3
32
4000
1,9
(14-27,6)
-10
70
282DS1LP11000
12
8,2
35
4500
1,4
(7-13,8)
-10
70
282DS2LP11000
24
8,2
35
4500
2,4
(14-27,6)
-10
70
V
l/s
dB(A)
RPM
W
V
Min.°C
Max.°C
282DL2LP11000
24
282DM1LP11000
12
282DM2LP11000
282D
Series
DC Axial Fans
60x60x15mm
2,362’’ x 2,362” x 0,59’’


Similar Part No. - 282DM2LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
282DM2LP11000 ETRI-282DM2LP11000 Datasheet
213Kb / 1P
DC Axial Fans
More results

Similar Description - 282DM2LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com