Electronic Components Datasheet Search
  English  ▼

X  

AP0100CS Datasheet(PDF) 50 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 50 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 46Page - ON Semiconductor AP0100CS Datasheet HTML 47Page - ON Semiconductor AP0100CS Datasheet HTML 48Page - ON Semiconductor AP0100CS Datasheet HTML 49Page - ON Semiconductor AP0100CS Datasheet HTML 50Page - ON Semiconductor AP0100CS Datasheet HTML 51Page - ON Semiconductor AP0100CS Datasheet HTML 52Page - ON Semiconductor AP0100CS Datasheet HTML 53Page - ON Semiconductor AP0100CS Datasheet HTML 54Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Host Command Interface
AP0100CS/D Rev. 6, Pub. 1/16 EN
50
©Semiconductor Components Industries, LLC,2016.
Host Command Interface
The AP0100CS has a mechanism to write higher level commands, the Host Command
Interface (HCI). Once a command has been written through the HCI, it will be executed
by on chip firmware and the results are reported back. EEPROM or Flash memory is also
available to store commands for later execution.
Figure 38:
Interface Structure
Command Flow
The host issues a command by writing (through the two wire interface) to the Command
Register. All commands are encoded with bit 15 set, which automatically generates the
‘host command’ (doorbell) interrupt to the microprocessor.
Assuming initial conditions, the host first writes the command parameters (if any) to the
Parameters Pool (in the Command Handler’s shared-variable page), then writes the
command to Command Register. The firmware’s interrupt handler is invoked, which
immediately copies the Command Register contents. The interrupt handler then signals
the Command Handler task to process the command.
Host Command to FW
Response from FW
15
0
bit
1
0
command register
Addr 0x40
Addr 0xFC00
Addr 0xFC0E
Addr 0xFC02
Addr 0xFC04
Addr 0xFC06
Addr 0xFC08
Addr 0xFC0A
Addr 0xFC0C
14
door bell
15
0
bit
Parameter 0
Parameter 7
cmd_handler_params_pool_0
cmd_handler_params_pool_1
cmd_handler_params_pool_2
cmd_handler_params_pool_3
cmd_handler_params_pool_4
cmd_handler_params_pool_5
cmd_handler_params_pool_6
cmd_handler_params_pool_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com