Electronic Components Datasheet Search
  English  ▼

X  

AR0230CS Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 1 Page - ON Semiconductor

  AR0230CS Datasheet HTML 1Page - ON Semiconductor AR0230CS Datasheet HTML 2Page - ON Semiconductor AR0230CS Datasheet HTML 3Page - ON Semiconductor AR0230CS Datasheet HTML 4Page - ON Semiconductor AR0230CS Datasheet HTML 5Page - ON Semiconductor AR0230CS Datasheet HTML 6Page - ON Semiconductor AR0230CS Datasheet HTML 7Page - ON Semiconductor AR0230CS Datasheet HTML 8Page - ON Semiconductor AR0230CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
AR0230CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Features
AR0230CS/D Rev. 9, 6/16 EN
1
©Semiconductor Components Industries, LLC 2016,
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
AR0230CS Datasheet
For the latest datasheet, please visit www.onsemi.com
Features
• Superior low-light performance
• Latest 3.0 m pixel with ON Semiconductor
DR-Pix™ technology with Dual Conversion Gain
• Full HD support at up to 1080P 60 fps for superior
video performance
• Linear or high dynamic range capture
• Optional adaptive local tone mapping (ALTM)
• Pixel or Line interleaved T1/T2 output
• Support for external mechanical shutter
• On-chip phase-locked loop (PLL) oscillator
• Integrated position-based color and lens shading
correction
• Slave mode for precise frame-rate control
• Stereo/3D camera support
• Statistics engine
• Data interfaces: four-lane serial high-speed pixel
interface (HiSPi) differential signaling (SLVS and
HiVCM), or parallel
• Auto black level calibration
• High-speed configurable context switching
• Temperature sensor
Applications
• Video surveillance
• 1080p60 (Surveillance) video applications
• High dynamic range imaging
General Description
ON Semiconductor's AR0230CS is a 1/2.7-inch CMOS
digital image sensor with an active-pixel array of
1928Hx1088V. It captures images in either linear or
high dynamic range modes, with a rolling-shutter
readout. It includes sophisticated camera functions
such as in-pixel binning, windowing and both video
and single frame modes. It is designed for both low
light and high dynamic range scene performance. It is
programmable through a simple two-wire serial inter-
face. The AR0230CS produces extraordinarily clear,
sharp digital pictures, and its ability to capture both
continuous video and single frames makes it the per-
fect choice for a wide range of applications, including
surveillance and HD video.
Table 1:
Key Parameters
Parameter
Typical Value
Optical format
1/2.7-inch (6.6 mm)
Active pixels
1928(H) x 1088(V) (16:9 mode)
Pixel size
3.0 m x 3.0m
Color filter array
RGB Bayer
Shutter type
Electronic rolling shutter and GRR
Input clock range
6 – 48 MHz
Output clock
maximum
148.5 Mp/s (4-lane HiSPi)
74.25 Mp/s (Parallel)
Output
Serial
HiSPi 10-, 12-, 14-, 16-, or 20-bit
Parallel
10-, 12-bit
Frame
rate
1080p
60 fps
Responsivity
4.0 V/lux-sec
SNRMAX
41 dB
Max Dynamic range Up to 96 dB
Supply
voltage
I/O
1.8 or 2.8 V
Digital
1.8 V
Analog
2.8 V
HiSPi
0.3 V - 0.6 V (SLVS), 1.7 V - 1.9 V (HiVcm)
Power consumption
(typical)
386 mW (Linear, 1080p30, 25C, parallel
output)
558 mW (HDR, 1080p30, 25C, parallel
output)
Operating
temperature
–30°C to +85°C ambient
Package options
10x10 mm 80-pin iBGA


Similar Part No. - AR0230CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0230CS ONSEMI-AR0230CS Datasheet
181Kb / 24P
1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AR0230CSSC00SUEA0-DRBR ONSEMI-AR0230CSSC00SUEA0-DRBR Datasheet
959Kb / 36P
Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
AR0230CSSC00SUEA0-DRBR ONSEMI-AR0230CSSC00SUEA0-DRBR Datasheet
181Kb / 24P
1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AR0230CSSC00SUEAD3-GEVK ONSEMI-AR0230CSSC00SUEAD3-GEVK Datasheet
959Kb / 36P
Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
AR0230CSSC00SUEAH3-GEVB ONSEMI-AR0230CSSC00SUEAH3-GEVB Datasheet
959Kb / 36P
Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
More results

Similar Description - AR0230CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR023Z ONSEMI-AR023Z Datasheet
948Kb / 35P
Mp/Full HD Digital Image Sensor
Rev. 0, Pub. 9/15 EN
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
AR0331 ONSEMI-AR0331 Datasheet
2Mb / 72P
Full HD Digital Image Sensor
Rev. L Pub. 5/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
Full HD Digital Image Sensor
April, 2015 ??Rev. 2
AR023ZM ONSEMI-AR023ZM Datasheet
810Kb / 35P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR0237 ONSEMI-AR0237 Datasheet
803Kb / 34P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 3, 3/16 EN
AR0237CS ONSEMI-AR0237CS Datasheet
921Kb / 38P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0230CS ONSEMI-AR0230CS_17 Datasheet
181Kb / 24P
1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AR0238 ONSEMI-AR0238 Datasheet
288Kb / 26P
2.1 Mp/Full HD Digital Image Sensor
October, 2017 ??Rev. 5
AR0331 ONSEMI-AR0331_17 Datasheet
496Kb / 52P
AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
March, 2017 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com