Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 39 Page - ON Semiconductor

Part # AX5243
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button AX5243_16 Datasheet HTML 34Page - ON Semiconductor AX5243_16 Datasheet HTML 35Page - ON Semiconductor AX5243_16 Datasheet HTML 36Page - ON Semiconductor AX5243_16 Datasheet HTML 37Page - ON Semiconductor AX5243_16 Datasheet HTML 38Page - ON Semiconductor AX5243_16 Datasheet HTML 39Page - ON Semiconductor AX5243_16 Datasheet HTML 40Page - ON Semiconductor AX5243_16 Datasheet HTML 41Page - ON Semiconductor AX5243_16 Datasheet HTML 42Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
AX5243
www.onsemi.com
39
QFN20 PACKAGE INFORMATION
QFN20 4x4, 0.5P
CASE 485EE
ISSUE A
2.95
20X
0.35
20X
0.50
4.30
0.50
DIMENSIONS: MILLIMETERS
1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
PITCH
PKG
OUTLINE
DIM
MIN
MAX
MILLIMETERS
D
4.00 BSC
E
4.00 BSC
A
0.80
1.00
b
0.25
0.35
e
0.50 BSC
L1
0.00
0.15
A3
0.20 REF
A1
0.00
0.05
L
0.25
0.35
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND 0.30 MM
FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED PAD
AS WELL AS THE TERMINALS.
D2
E2
1
6
11
20
D2
2.75
2.85
E2
2.75
2.85
e
L1
DETAIL A
L
ALTERNATE
A1
A3
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
A
B
E
D
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
A
A1
A3
0.08 C
0.10 C
C SEATING
PLANE
SIDE VIEW
DETAIL B
BOTTOM VIEW
b
20X
0.10
B
0.05
A
C
C NOTE 3
DETAIL A
L
20X
4.30
2.95
NOTE 4
CONSTRUCTIONS
TERMINAL CONSTRUCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com