Electronic Components Datasheet Search
  English  ▼

X  

CJ7906 Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJ7906
Description  TO-220-3L Plastic-Encapsulate Voltage Regulators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ7906 Datasheet(HTML) 1 Page - ZP Semiconductor

  CJ7906 Datasheet HTML 1Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Co
1μF
TO-220-3L Plastic-Encapsulate Voltage Regulator
s
CJ7906 Three-terminal negative voltage regulator
FEATURES
Maximum output current IOM: 1.5 A
Output voltage Vo: - 6 V
Continuous total dissipation
PD: 1.5 W (Ta = 25
℃ )
15 W (TC= 25
℃ )
ABSOLUTE MAXIMUM RATINGS(Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
V i
-35
V
Thermal
Resistance from Junction to Ambient
RθJA
83.3
℃/W
Thermal
Resistance from Junction to Case
RθJC
8.33
℃/W
Operating Junction Temperature Range
TOPR
0
~+150
℃
Storage Temperature Range
TSTG
-
55~+150
℃
ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JINCTION TEMPERATURE (Vi=-11V, Io=500mA,Ci=2.2μF, Co=1μF, unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
25
℃
-5.75
-6
-6.25
V
Output
Voltage
Vo
-8V≤Vi≤-21V, Io=5mA-1A
P≤15W
0-125
℃
-5.7
-6
-6.3
V
Io=5mA-1.5A
25
℃
15
120
mV
Load Regulation
∆Vo
Io=250mA-750mA
25
℃
5
60
mV
-8V≤Vi≤-25V
25
℃
12.5
120
mV
Line
Regulation
∆Vo
-9V≤Vi≤-13V
25
℃
4
60
mV
Quiescent Current
Iq
25
℃
1.5
2
mA
∆Iq
-8V≤Vi≤-25V
0-125
℃
1.3
mA
Quiescent Current Change
∆Iq
5mA≤I O≤1A
0-125
℃
0.5
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
25
℃
150
μV
Output
Voltage Drift
∆Vo/∆T
IO=5mA
0-125
℃
-0.4
mV/℃
Ripple Rejection
RR
-9V≤Vi≤-19V,f=120Hz
0-125
℃
54
60
dB
Dropout Voltage
Vd
Io=1A
25
℃
1.1
V
Peak Current
Ipk
25
℃
2.1
A
TYPICAL APPLICATION
Vi
2
3
Vo
UTC
Ci
2.2μF
TO-220-3L
1 GND
2. IN
3. OUT
CJ7906
1 of 1
CJ7906
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - CJ7906

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7906 JIANGSU-CJ7906 Datasheet
78Kb / 1P
Three-terminal positive voltage regulator
CJ7906 JIANGSU-CJ7906 Datasheet
512Kb / 2P
Three-terminal negative voltage regulator
CJ7906-TO-220 JIANGSU-CJ7906-TO-220 Datasheet
78Kb / 1P
Three-terminal positive voltage regulator
CJ7906F JIANGSU-CJ7906F Datasheet
108Kb / 1P
Three-terminal negative voltage regulator
CJ7906F-TO-220F JIANGSU-CJ7906F-TO-220F Datasheet
108Kb / 1P
Three-terminal negative voltage regulator
More results

Similar Description - CJ7906

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ78M05-TO220-3L ZPSEMI-CJ78M05-TO220-3L Datasheet
356Kb / 1P
TO-220-3L Plastic-Encapsulate Regulators
CJ78M09-TO220-3L ZPSEMI-CJ78M09-TO220-3L Datasheet
647Kb / 1P
TO-220-3L Plastic-Encapsulate Regulators
CJ7805H ZPSEMI-CJ7805H Datasheet
604Kb / 1P
TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7805-TO220-3L ZPSEMI-CJ7805-TO220-3L Datasheet
1Mb / 2P
TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7806H ZPSEMI-CJ7806H Datasheet
535Kb / 1P
TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7806-TO220-3L ZPSEMI-CJ7806-TO220-3L Datasheet
936Kb / 2P
TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7808 ZPSEMI-CJ7808 Datasheet
1Mb / 2P
TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7812-TO220-3L ZPSEMI-CJ7812-TO220-3L Datasheet
1,001Kb / 2P
TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7905-TO220-3L ZPSEMI-CJ7905-TO220-3L Datasheet
493Kb / 1P
TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7908-TO220-3L ZPSEMI-CJ7908-TO220-3L Datasheet
661Kb / 1P
TO-220-3L Plastic-Encapsulate Voltage Regulators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com