Electronic Components Datasheet Search
  English  ▼

X  

KP1836 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KP1836
Description  Polypropylene Film Capacitors Related Document: IEC 60384-17 Grade 1.2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP1836 Datasheet(HTML) 2 Page - Vishay Siliconix

  KP1836 Datasheet HTML 1Page - Vishay Siliconix KP1836 Datasheet HTML 2Page - Vishay Siliconix KP1836 Datasheet HTML 3Page - Vishay Siliconix KP1836 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
62
KP 1836
Vishay Roederstein
Document Number 26021
Revision 11-Jun-02
For technical questions, contact dc-film@vishay.com
CAPACITANCE CAPACITANCE
VOLTAGE
VOLTAGE
VOLTAGE
CODE
CODE 63
CODE 10
CODE 12
630 VDC/
1000 VDC/
1250 VDC/
300 VAC
350 VAC
400 VAC
W
H
L
PCM
W
H
L
PCM
W
H
L
PCM
100 pF
- 110
—
———
—
—
—
———
—
—
150 pF
- 115
—
———
—
—
—
———
—
—
220 pF
- 122
—
———
—
—
—
———
—
—
330 pF
- 133
—
———
—
—
—
———
—
—
470 pF
- 147
—
———
—
—
—
———
—
—
680 pF
- 168
—
———
—
—
—
———
—
—
1000 pF
- 210
—
———
—
—
—
———
—
—
1200 pF
- 212
—
———
—
—
—
—
5.5
10.5
18.0
15
1500 pF
- 215
—
———
—
—
—
—
5.5
10.5
18.0
15
1800 pF
- 218
—
———
5.5
10.5
18.0
15
6.5
12.5
18.0
15
2200 pF
- 222
—
———
5.5
10.5
18.0
15
6.5
12.5
18.0
15
2700 pF
- 227
5.5
10.5
18.0
15
6.5
12.5
18.0
15
7.5
13.5
18.0
15
3300 pF
- 233
5.5
10.5
18.0
15
6.5
12.5
18.0
15
7.5
13.5
18.0
15
3900 pF
- 239
6.5
12.5
18.0
15
7.5
13.5
18.0
15
6.5
14.5
26.5
22.5
4700 pF
- 247
6.5
12.5
18.0
15
7.5
13.5
18.0
15
6.5
14.5
26.5
22.5
5600 pF
- 256
7.5
13.5
18.0
15
8.5
14.5
18.0
15
6.5
14.5
26.5
22.5
6800 pF
- 268
7.5
13.5
18.0
15
8.5
14.5
18.0
15
6.5
14.5
26.5
22.5
8200 pF
- 282
8.5
14.5
18.0
15
6.5
14.5
26.5
22.5
7.5
15.5
26.5
22.5
0.01
µF
- 310
8.5
14.5
18.0
15
6.5
14.5
26.5
22.5
7.5
15.5
26.5
22.5
0.012
µF
- 312
8.5
17.5
18.0
15
7.5
15.5
26.5
22.5
10.5
18.5
26.5
22.5
0.015
µF
- 315
10.5
17.5
18.0
15
7.5
15.5
26.5
22.5
10.5
18.5
26.5
22.5
0.018
µF
- 318
7.5
15.5
26.5
22.5
8.5
16.5
26.5
22.5
11.0
21.0
26.5
22.5
0.022
µF
- 322
7.5
15.5
26.5
22.5
8.5
16.5
26.5
22.5
11.0
21.0
26.5
22.5
0.027
µF
- 327
8.5
16.5
26.5
22.5
10.5
18.5
26.5
22.5
11.5
20.5
31.5
27.5
0.033
µF
- 333
10.5
18.5
26.5
22.5
11.5
20.5
31.5
27.5
11.5
20.5
31.5
27.5
0.039
µF
- 339
10.5
18.5
26.5
22.5
11.5
20.5
31.5
27.5
13.5
23.5
31.5
27.5
0.047
µF
- 347
10.5
18.5
26.5
22.5
11.5
20.5
31.5
27.5
13.5
23.5
31.5
27.5
0.056
µF
- 356
11.5
20.5
31.5
27.5
12.5
22.5
41.5
37.5
12.5
23.5
41.5
37.5
0.068
µF
- 368
11.5
20.5
31.5
27.5
12.5
22.5
41.5
37.5
12.5
22.5
41.5
37.5
0.082
µF
- 382
11.5
20.5
31.5
27.5
12.5
22.5
41.5
37.5
14.5
24.5
41.5
37.5
0.1
µF
- 410
13.5
23.5
31.5
27.5
14.5
24.5
41.5
37.5
14.5
24.5
41.5
37.5
0.12
µF
- 412
12.5
22.5
41.5
37.5
14.5
24.5
41.5
37.5
16.0
28.5
41.5
37.5
0.15
µF
- 415
12.5
22.5
41.5
37.5
16.0
28.5
41.5
37.5
16.0
28.5
41.5
37.5
0.18
µF
- 418
14.5
24.5
41.5
37.5
16.0
28.5
41.5
37.5
20.0
40.0
42.5
37.5
0.22
µF
- 422
14.5
24.5
41.5
37.5
18.0
32.5
41.5
37.5
20.0
40.0
42.5
37.5
Further C-values upon request.
RECOMMENDED PACKAGING
LETTER
TYPE OF
HEIGHT
REEL
ORDERING
PCM
PCM
PCM
CODE
PACKAGING
(H)
DIAMETER
CODE
15
22.5 - 27.5
37.5
(mm)
(mm)
EXAMPLE
D
AMMO
16.5
S*
KP 1836-168/205-D
X
——
G
AMMO
18.5
S*
KP 1836-168/205-G
X
——
F
REEL
16.5
350
KP 1836-168/205-F
X
——
W
REEL
18.5
350
KP 1836-168/205-W
X
——
V
REEL
18.5
500
KP 1836-310/134-V
X
X
—
G
AMMO
18.5
L*
KP 1836-310/134-G
—
X
—
—
BULK
——
KP 1836-310/134
X
X
X
*S = box size 55 x 210 x 340mm (W x H x L)
*L = box size 60 x 360 x 510mm (W x H x L)
Polypropylene, Related Document: IEC 60384-17 Grade 1.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com