Electronic Components Datasheet Search
  English  ▼

X  

ELE Datasheet(PDF) 5 Page - Copal Electronics

Part # ELE
Description  Miniature Rocker Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ELE Datasheet(HTML) 5 Page - Copal Electronics

  ELE Datasheet HTML 1Page - Copal Electronics ELE Datasheet HTML 2Page - Copal Electronics ELE Datasheet HTML 3Page - Copal Electronics ELE Datasheet HTML 4Page - Copal Electronics ELE Datasheet HTML 5Page - Copal Electronics ELE Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
±1
16
10
9.5
14±1
9.3
3.5
33±1
(9.4)
2-M3×0.5
2-M3×0.5
■:WLJPÄJH[PVUZ
Rating
Initial contact resistance Dielectric strength
Insulation resistance
Electrical life
ELE115A
ELE115D
AC125V 15A
AC250V 15A
20m
Ω Max.
(DC2∼4V 0.1A)
AC1500V
minute
100M
Ω Min.
(DC500V)
20,000
cycles
ELE115E
AC125V 15A
AC250V 7A
■:WLJPÄJH[PVUZ
Rating
Initial contact resistance Dielectric strength
Insulation resistance
Electrical life
ELE125A
ELE125D
AC125V 25A
AC250V 25A
20m
Ω Max.
(DC2∼4V 0.1A)
AC1500V
minute
100M
Ω Min.
(DC500V)
20,000
cycles
ELE125E
AC125V 25A
AC250V 12A
■:WLJPÄJH[PVUZ
Rating
Initial contact resistance Dielectric strength
Insulation resistance
Electrical life
ELE215K
ELE215N
AC125V 15A
AC250V 15A
20m
Ω Max.
(DC2∼4V 0.1A)
AC1500V
minute
100M
Ω Min.
(DC500V)
20,000
cycles
■:WLJPÄJH[PVUZ
Rating
Initial contact resistance Dielectric strength
Insulation resistance
Electrical life
ELE225K
ELE225N
AC125V 25A
AC250V 25A
20m
Ω Max.
(DC2∼4V 0.1A)
AC1500V
minute
100M
Ω Min.
(DC500V)
20,000
cycles
Dust proof
Dust proof
Dust proof
Dust proof
ELE
Dustproof
ELE115
1 pole
ELE125
1 pole
ELE215
2 poles
ELE225
2 poles
Switching
function
Part No.
Viewed from part No. and rating marking side
★ELE115A−Z
ON
−
OFF
Connecting
terminals
1
−3
−−
★ELE115D−Z
ON
−
ON
★ELE115E−Z
ON
OFF
ON
Connecting
terminals
2
−3
−
2
−1
Switching
function
Part No.
Viewed from part No. and rating marking side
★ELE125A−Z
ON
−
OFF
Connecting
terminals
1
−3
−−
★ELE125D−Z
ON
−
ON
▲ELE125E−Z
ON
OFF
ON
Connecting
terminals
2
−3
−
2
−1
Switching
function
Part No.
Viewed from part No. and rating marking side
★ELE215K−Z
▲ELE215K12−Z
ON
−
OFF
Connecting
terminals
1
−3
4
−6
−−
★ELE215N−Z
ON
−
ON
Connecting
terminals
2
−3
5
−6
−
2
−1
5
−4
Switching
function
Part No.
Viewed from part No. and rating marking side
★ELE225K−Z
★ELE225K12−Z
ON
−
OFF
Connecting
terminals
1
−3
4
−6
−−
★ELE225N−Z
★ELE225N12−Z
ON
−
ON
Connecting
terminals
2
−3
5
−6
−
2
−1
5
−4
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
The switching function Type A is without terminal number
(2)
.
The switching function Type A is without terminal number
(2)
.
Terminal
Part Name
TAB terminals
Solder terminals
 ELE215■
34
± 1
31.8
± 1
 ELE225■
■Dimension L
★:Made to order products.
▲:Inquiry products.
The switching function Type K is without terminal numbers
(2)and(5)
.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com