Electronic Components Datasheet Search
  English  ▼

X  

ET_SERIES Datasheet(PDF) 13 Page - Copal Electronics

Part # ET_SERIES
Description  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET_SERIES Datasheet(HTML) 13 Page - Copal Electronics

Back Button ET_SERIES Datasheet HTML 6Page - Copal Electronics ET_SERIES Datasheet HTML 7Page - Copal Electronics ET_SERIES Datasheet HTML 8Page - Copal Electronics ET_SERIES Datasheet HTML 9Page - Copal Electronics ET_SERIES Datasheet HTML 10Page - Copal Electronics ET_SERIES Datasheet HTML 11Page - Copal Electronics ET_SERIES Datasheet HTML 12Page - Copal Electronics ET_SERIES Datasheet HTML 13Page - Copal Electronics ET_SERIES Datasheet HTML 14Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
4-M3×0.5
ET
ET620N13(6 poles)
Terminal numbers are shown on the bottom of the switch.
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET620N13
AC125V 20A
AC250V 12A
20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
5,000
cycles
Switching
function
Part No.
Viewed from part No. and rating marking side
★ET620N13−Z
ON
−
ON
Connecting terminals
2−3 5−6
8−9 11−12
14−15 17−18
−
2−1 5−4
8−7 11−10
14−13 17−16
■Panel Cut-Out Dimensions
(Plate mounting type)
■UL・CSA・ / Table of Part Numbers
Terminal Style
Part No.
※1.
Part No.
※1.
Part No.
※1.
Part No.
※1.
TAB terminals
★ 
ET110F−Z
−
★ 
ET215N−Z
40.0
ET225P−Z
★
ET110G−Z
★
ET120G−Z
☆ 
ET215P−Z
39.7 ▲
ET310E−Z
★
ET110H−Z
★
ET125A−Z
26.6 ★
ET220R−Z
★
ET330A−Z
  
ET115A−Z
29.4 ▲
ET125D−Z
★
ET220S−Z
−
−
★ 
ET115D−Z
★
ET210S−Z
☆
ET225K−Z
39.4
−
−
★ 
ET115E−Z
★ 
ET215K−Z
39.3 ★
ET225N−Z
−
−
Screw terminals
★
ET110G10−Z
★
ET120G10−Z
★
ET215L10−Z
★
ET225N10−Z
☆
ET115A10−Z
★
ET125A10−Z
▲
ET215R10−Z
★
ET225P10−Z
★
ET115C10−Z
★
ET125D10−Z
★
ET215S10−Z
−
★
ET115D10−Z
−
▲
ET215T10−Z
★
ET230N10−Z 54.4
★
ET115E10−Z
★
ET215K10−Z
★
ET220R10−Z 53.6 ★
ET230P10−Z
★
ET115F10−Z
☆ 
ET215N10−Z
★
ET220S10−Z
−
▲
ET115H10−Z
★ 
ET215P10−Z
★
ET225K10−Z
−
Solder terminals
  
ET103A12−Z 21.0 ★
ET125D12−Z 26.0 ★ 
ET220P12−Z
★
ET410R13−Z 56.9
★
ET103A32−Z 21.0 ★
ET125E12−Z
★
ET220R12−Z
★
ET410S12−Z
★
ET103V12−Z
21.0 ★
ET205K12−Z
★
ET220S12−Z
▲
ET410T12−Z
★
ET103V32−Z
★
ET205N12−Z
★
ET220T12−Z
★ 
ET415K12−Z
☆
ET105A12−Z
★
ET205P12−Z
☆
ET225K12−Z 38.1 ★
ET415K13−Z 57.6
☆
ET105D12−Z 25.8   
ET206K12−Z 26.1
ET225N12−Z 38.6 ★ 
ET415N12−Z 56.8
☆
ET105E12−Z
☆ 
ET206N12−Z 26.3
ET225P12−Z
★
ET415N13−Z
☆
ET110A12−Z 25.8 ☆
ET210K12−Z
★
ET310A12−Z 54.0 ★ 
ET415P12−Z
☆
ET110D12−Z
☆
ET210N12−Z 38.0 ☆
ET310D12−Z 54.6 ▲
ET415P13−Z
★
ET110E12−Z
☆
ET210P12−Z
37.9 ☆
ET310E12−Z
★ 
ET420K12−Z
★
ET110F12−Z
★
ET210R12−Z
★ 
ET315A12−Z
★
ET420K13−Z
★
ET110G12−Z
★
ET210S12−Z
★ 
ET315D12−Z 54.7 ★
ET420N12−Z
  
ET115A12−Z 25.9 ★
ET210T12−Z
★ 
ET315E12−Z
★
ET420N13−Z
★
ET115B12−Z
★
ET210PA12−Z
★
ET315F12−Z
★ 
ET420P12−Z
★
ET115C12−Z
☆ 
ET215K12−Z 37.9 ★
ET315G12−Z
★
ET420P13−Z
55.0
  
ET115D12−Z 25.9 ▲
ET215L12−Z
★
ET315H12−Z
★
ET425K12−Z
★ 
ET115E12−Z
25.9 ★
ET215M12−Z
★
ET325A12−Z
★
ET425N12−Z
★
ET115F12−Z
☆ 
ET215N12−Z 38.1 ★
ET325D12−Z
★
ET425P12−Z 106.0
★
ET115G12−Z
★ 
ET215P12−Z
37.8 ★
ET325E12−Z
☆
ET610N13−Z 105.0
★
ET115H12−Z 25.0 ★
ET215R12−Z
★
ET330A12−Z
★
ET620N13−Z
☆ 
ET120A12−Z
ET215S12−Z
38.4 ☆
ET330D12−Z 54.2
−
−
★ 
ET120D12−Z
★
ET215T12−Z
★
ET330E12−Z
−
−
▲
ET120F12−Z
★ 
ET220K12−Z
★
ET410K12−Z 56.5
−
−
★
ET120G12−Z
−
★
ET410N12−Z 57.4
−
−
★
ET120H12−Z
▲
ET220M12−Z
★
ET410P12−Z
−
−
☆
ET125A12−Z 25.9 ★ 
ET220N12−Z
★
ET410R12−Z 56.5
−
−
★:Made to order products.
※1 : Switch mass (g) : includes accessories = hex nut, locking ring, lock washer and terminal screw
Note: For overseas standards, see P.627.
☆:Semi-standard products.
▲:Inquiry products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com