Electronic Components Datasheet Search
  English  ▼

X  

F614T Datasheet(PDF) 1 Page - Copal Electronics

Part # F614T
Description  BRUSHLESS DC FANS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

F614T Datasheet(HTML) 1 Page - Copal Electronics

  F614T Datasheet HTML 1Page - Copal Electronics F614T Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
※ Verify the above part numbers when placing orders.
BRUSHLESS DC FANS
F614T
■ FEATURES
■ STRUCTURE
O Compact, slim body (62 × 62 × 14.5 mm)
O Light weight (approx. 40 g)
O Low noise, 23 dB (A)
O Frame and impeller
ABS/PBT alloy
O Bearing
1 sleeve bearing
■ PART NUMBER DESIGNATION
F 6 1 4 T - 1 2 M C
Series name
Bearing
Power supply
Air flow
M:0.36 m
3/min
05:DC5 V
12:DC12 V
1 sleeve bearing
■ LIST OF PART NUMBERS
Power supply
Air flow
0.36 m
3/min
DC12 V
DC5 V
F614T-05MC
F614T-12MC
RoHS compliant


Similar Part No. - F614T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F61 ETC-F61 Datasheet
153Kb / 1P
Flow Switches for Liquid
logo
BELIMO AIRCONTROLS (USA...
F6100HD BELIMO-F6100HD Datasheet
1Mb / 5P
Resilient Seat, 304 Stainless Steel Disc
logo
Integrated Device Techn...
F6101 IDT-F6101 Datasheet
165Kb / 2P
Ku-Band SATCOM Receiver IC
F6101EVB IDT-F6101EVB Datasheet
165Kb / 2P
Ku-Band SATCOM Receiver IC
F6101EVS IDT-F6101EVS Datasheet
165Kb / 2P
Ku-Band SATCOM Receiver IC
More results

Similar Description - F614T

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
logo
Cooper Bussmann, Inc.
F412R-05LB COOPER-F412R-05LB Datasheet
78Kb / 2P
BRUSHLESS DC FANS
logo
List of Unclassifed Man...
F16EA ETC2-F16EA Datasheet
73Kb / 2P
BRUSHLESS DC FANS
logo
Copal Electronics
F16EA COPAL-F16EA Datasheet
63Kb / 2P
BRUSHLESS DC FANS
F17HA COPAL-F17HA Datasheet
57Kb / 2P
BRUSHLESS DC FANS
F251R COPAL-F251R Datasheet
58Kb / 2P
BRUSHLESS DC FANS
F310R COPAL-F310R Datasheet
66Kb / 2P
BRUSHLESS DC FANS
F410T COPAL-F410T Datasheet
66Kb / 2P
BRUSHLESS DC FANS
F412R COPAL-F412R Datasheet
63Kb / 2P
BRUSHLESS DC FANS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com