Electronic Components Datasheet Search
  English  ▼

X  

MBR30200CL Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MBR30200CL
Description  Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MBR30200CL Datasheet(HTML) 1 Page - Mospec Semiconductor

  MBR30200CL Datasheet HTML 1Page - Mospec Semiconductor MBR30200CL Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
MBR30200CL
Schottky Barrier Rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of high
temperature operation metal. The properietary barrier technology allows for
reliable operation up to 175℃ junction temperature. Typical application are in
switching Mode Power Supplies such as adaptators, DC/DC convertes,free-
wheeling and polarity protection diodes.
Features
*
Low Forward Voltage.
*
Low Switching noise.
*
High Current Capacity
*
Guarantee Reverse Avalanche.
*
Guard-Ring for Stress Protection.
*
Low Power Loss & High efficiency.
*
175℃ Operating Junction Temperature
*
Low Stored Charge Majority Carrier Conduction.
*
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
*In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY BARRIER
RECTIFIERS
30 AMPERES
200 VOLTS
MAXIMUM RATINGS
Characteristic
Symbol
MBR30200CL
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
140
V
Average Rectifier Forward Current ( per diode )
Total Device (Rated VR), TC=125℃
IF(AV)
15
30
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
30
A
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions halfware, single phase, 60Hz)
IFSM
250
A
Operating and Storage Junction Temperature Range
TJ , Tstg
-65 to +175
℃
TO-220AB
DIM
MILLIMETERS
MIN
MAX
A
14.68
15.32
B
9.78
10.42
C
5.02
6.52
D
13.06
14.62
E
3.57
4.07
F
2.42
2.66
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.20
2.98
L
0.33
0.55
M
2.48
2.98
O
3.70
3.90
THERMAL RESISTANCES
Typical Thermal Resistance junction to case ( per device )
Rθjc
3.2
℃
/w
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol
Min.
Typ
Max.
Unit
Maximum Instantaneous Forward Voltage ( per diode )
( IF =0.1 Amp TC = 25℃)
--
0.32 0.38
( IF =7.5 Amp TC = 25℃)
--
0.85 0.88
( IF =15 Amp TC = 25℃)
VF
--
0.95 0.98
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
--
0.08
0.1
( Rated DC Voltage, TC = 125℃)
IR
--
15
30
mA


Similar Part No. - MBR30200CL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR30200CL-TA3-T UTC-MBR30200CL-TA3-T Datasheet
113Kb / 3P
SCHOTTKY BARRIER RECTIFIER
MBR30200CL-TF1-T UTC-MBR30200CL-TF1-T Datasheet
113Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR30200CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com