Electronic Components Datasheet Search
  English  ▼

X  

LM1237 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 31Page - National Semiconductor (TI) LM1237 Datasheet HTML 32Page - National Semiconductor (TI) LM1237 Datasheet HTML 33Page - National Semiconductor (TI) LM1237 Datasheet HTML 34Page - National Semiconductor (TI) LM1237 Datasheet HTML 35Page - National Semiconductor (TI) LM1237 Datasheet HTML 36Page - National Semiconductor (TI) LM1237 Datasheet HTML 37Page - National Semiconductor (TI) LM1237 Datasheet HTML 38Page - National Semiconductor (TI) LM1237 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Control Register Definitions (Continued)
Display Window 1 Column Width Register
Register
Names
(addresses):
COLWIDTH1B3
(0x8417),
COLWIDTH1B2
(0x8416),
COLWIDTH1B1
(0x8415),
COLWIDTH1B0 (0x8414)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
COL
31
COL
30
COL
29
COL
28
COL
27
COL
26
COL
25
COL
24
COL
23
COL
22
COL
21
COL
20
COL
19
COL
18
COL
17
COL
16
15
14
13
12
11
10
987654321
0
COL15 COL14 COL13 COL12 COL11 COL10 COL9 COL8 COL7 COL6 COL5 COL4 COL3 COL2 COL1 COL0
Bits 31–0
These are the Display Window 1 Column Width 2x Enable Bits. These thirty-two bits correspond to columns
31–0 of Display Window 1, respectively. A value of zero indicates the column will have normal width (12
pixels). A value of one indicates the column will be twice as wide as normal (24 pixels). For the double wide
case, each Character Font pixel location will be displayed twice, in two consecutive horizontal pixel locations.
The user should note that if more than 32 display characters are programmed to reside on a row, then all
display characters after the first thirty-two will have normal width (12 pixels).
Display Window 2 Horizontal Start Location Register
Register Name (address): HSTRT2 (0x8418)
7
6
5
4
321
0
2H7
2H6
2H5
2H4
2H3
2H2
2H1
2H0
Bits 7–0
This register determines the horizontal start position of Window 2 in OSD pixels (not video signal pixels). The
actual position, to the right of the horizontal flyback pulse, is determined by multiplying this register value by 4
and adding 30. Due to pipeline delays, the first usable start location is approximately 42 OSD pixels following
the horizontal flyback time. For this reason, we recommend this register be programmed with a number larger
than 2, otherwise improper operation may result.
Display Window 2 Vertical Start Location Register
Register Name (address): VSTRT2 (0x8419)
7
6
5
4
321
0
2V7
2V6
2V5
2V4
2V3
2V2
2V1
2V0
Bits 7–0
This register determines the Vertical start position of Window 2 in constant-height character lines (not video
scan lines). The actual position is determined by multiplying this register value by 2. (Note: each character line
is treated as a single auto-height character pixel line, so multiple scan lines may actually be displayed in order
to maintain accurate position relative to the OSD character cell size. See the Constant Character Height
Mechanism section.) This register should be set so the entire OSD window is within the active video.
Display Window 2 Start Address
Register Names (addresses): W2STRTADRH (0x841B) W2STRTADRL (0x841A)
15
14
13
12
11
10
987654321
0
RSV
RSV
RSV
RSV
RSV
RSV
RSV
2AD8
2AD7
2AD6
2AD5
2AD4
2AD3
2AD2
2AD1
2AD0
Bits 8–0
This register determines the starting address of Display Window 2 in the Display Page RAM. This first address
location will always contain the SL code for the first row of Display Window 2.
Bits 15–9
These bits are reserved and should be set to zero.
Display Window 2 Column Width Register
Register
Names
(addresses):
COLWIDTH2B3
(0x841F),
COLWIDTH1B2
(0x841E),
COLWIDTH2B1
(0x841D),
COLWIDTH1B0 (0x841C)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
COL
31
COL
30
COL
29
COL
28
COL
27
COL
26
COL
25
COL
24
COL
23
COL
22
COL
21
COL
20
COL
19
COL
18
COL
17
COL
16
15
14
13
12
11
10
987654321
0
COL15 COL14 COL13 COL12 COL11 COL10 COL9 COL8 COL7 COL6 COL5 COL4 COL3 COL2 COL1 COL0
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com