Electronic Components Datasheet Search
  English  ▼

X  

MBRF10200CL Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MBRF10200CL
Description  Full Plastic Dual Schottky Barrier Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MBRF10200CL Datasheet(HTML) 1 Page - Mospec Semiconductor

  MBRF10200CL Datasheet HTML 1Page - Mospec Semiconductor MBRF10200CL Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
MBRF10200CL
Switchmode
Full Plastic Dual Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of high
temperature operation metal.
The proprietary barrier technology allows for
reliable operation up to 175℃ junction temperature. Typical application are in
switching Mode Power Supplies such as adaptors, DC/DC converters, free-
wheeling and polarity protection diodes.
Features
.
*
Low Forward Voltage.
*
Low Switching noise.
*
High Current Capacity
*
Guarantee Reverse Avalanche.
*
Guard-Ring for Stress Protection.
*
Low Power Loss & High efficiency.
*
175℃ Operating Junction Temperature
*
Low Stored Charge Majority Carrier Conduction.
*
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
*In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY BARRIER
RECTIFIERS
10 AMPERES
MAXIMUM RATINGS
Characteristic
Symbol
MBRF10200CL
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
140
V
Average Rectifier Forward Current
( per diode )
Total Device (Rated VR), TC=125℃
IF(AV)
5
10
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
20
A
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions halfware, single phase, 60Hz)
IFSM
150
A
Operating and Storage Junction Temperature Range
TJ , Tstg
-65 to +175
℃
200 VOLTS
ITO-220AB
MILLIMETERS
DIM
MIN
MAX
A
14.90
15.15
B
13.35
13.55
C
10.00
10.10
D
6.55
6.65
E
2.65
2.75
F
1.55
1.65
G
1.15
1.25
H
0.55
0.65
I
2.50
2.60
J
3.00
3.20
K
1.10
1.20
L
0.55
0.65
M
4.40
4.60
N
1.15
1.25
O
3.35
3.45
P
2.65
2.75
Q
3.15
3.25
R
3.60
3.80
THERMAL RESISTANCES
Typical Thermal Resistance junction to case ( per device )
Rθj-c
3.4
℃
/w
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ. Max.
Unit
Maximum Instantaneous Forward Voltage ( per diode )
( IF =0.1 Amp TC = 25℃)
---
0.30 0.38
( IF =2.5 Amp TC = 25℃)
---
0.82 0.88
( IF =5.0 Amp TC = 25℃)
VF
---
0.92 0.95
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
---
0.08
0.1
( Rated DC Voltage, TC = 125℃)
IR
---
15
30
mA


Similar Part No. - MBRF10200CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBRF10200C MOSPEC-MBRF10200C Datasheet
146Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10200CJ MOSPEC-MBRF10200CJ Datasheet
109Kb / 2P
Schottky Barrier Rectifiers
MBRF10200CK MOSPEC-MBRF10200CK Datasheet
158Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
logo
Diotech Company.
MBRF10200CT DIOTECH-MBRF10200CT Datasheet
866Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
KEC(Korea Electronics)
MBRF10200CT KEC-MBRF10200CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - MBRF10200CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBRF2030C MOSPEC-MBRF2030C Datasheet
146Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10100CK MOSPEC-MBRF10100CK Datasheet
152Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10150C MOSPEC-MBRF10150C Datasheet
141Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF20100C MOSPEC-MBRF20100C Datasheet
148Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF20120CK MOSPEC-MBRF20120CK Datasheet
157Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30100CL MOSPEC-MBRF30100CL Datasheet
147Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30150CK MOSPEC-MBRF30150CK Datasheet
165Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30200CK MOSPEC-MBRF30200CK Datasheet
164Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30200CL MOSPEC-MBRF30200CL Datasheet
155Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
SRF10150 MOSPEC-SRF10150 Datasheet
201Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com