Electronic Components Datasheet Search
  English  ▼

X  

VEL12 Datasheet(PDF) 1 Page - XP Power Limited

Part # VEL12
Description  VEL12 Series AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEL12 Datasheet(HTML) 1 Page - XP Power Limited

  VEL12 Datasheet HTML 1Page - XP Power Limited VEL12 Datasheet HTML 2Page - XP Power Limited VEL12 Datasheet HTML 3Page - XP Power Limited VEL12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VEL12 Series
AC-DC Power Supplies
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
5.0
12.0
V
See Models and Ratings table
Minimum Load
0A
No minimum load required
Start Up Delay
4s
Start Up Rise Time
30
ms
Hold Up Time
11
ms
Full load and 115 VAC
Total Regulation
5
10
%
See Models and Ratings table
Transient Response
4
% deviation
Recovely within <1% within 500 µs for a 50% step load
change at 0.15 A/µs
Ripple & Noise
200
mV pk-pk
Measured with 20 MHz bandwidth and 47 µF electrolytic in
parallel with 0.1 µF ceramic capacitor
Short Circuit Protection
Continuous, trip and restart (hiccup mode) with auto recovely
Temperature Coefficient
0.05
%/ ˚C
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Other output voltages available, contact sales for details.
2. Total regulation includes initial set accuracy, line and load regulation.
3. Replace ‘XX’ in model number with ‘US’ for US mains plug, ‘UK’ for UK mains
plug or ‘EU’ for European mains plug.
Dimensions:
VEL (body only):
-US: 2.99 x 1.16 x 1.73” (76.0 x 29.5 x 43.87 mm)
-EU: 2.99 x 1.16 x 1.55” (76.0 x 29.5 x 39.37 mm)
-UK: 2.99 x 1.95 x 1.83” (76.0 x 49.5 x 46.37 mm)
12 Watt
Output Power
Output Voltage
Output Current
Total Regulation(2)
Output Connector
Model Number(3)
12 W
5.0 V
2100 mA
5%
5.5 x 2.1 x 12 mm DC Jack
VEL12US050-XX-JA
9.0 V
1280 mA
5%
5.5 x 2.1 x 12 mm DC Jack
VEL12US090-XX-JA
12.0 V
1000 mA
5%
5.5 x 2.1 x 12 mm DC Jack
VEL12US120-XX-JA
• Energy Efficiency Level VI
• European CoC Tier 2
• Fixed Mains Connectors
• Universal Input
• Output Voltages from 5.0 V to 12.0 V
• Class II Construction
• Low Cost
B R A N D
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
90
264
VAC
Input Frequency
47
63
Hz
Input Current
0.3
A
100 VAC
Inrush Current
60
A
240 VAC, cold start at 25 °C
Power Factor
EN61000-3-2, class A
No Load Input Power
<0.1
W
Input Protection
Internal T1.0A/250 VAC fuse
The VEL12 series of wall plug adaptors comply with the very latest energy efficiency VI standards
with high active mode efficiency and extremely low no load power consumption. Available with a
standard jack plug connector these adaptors suit a wide variety of cost sensitive applications while
maintaining industry leading performance.


Similar Part No. - VEL12

ManufacturerPart #DatasheetDescription
logo
RFE international
VEL100M1CTR040057 RFE-VEL100M1CTR040057 Datasheet
77Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS VEL Series: Surface Mount Type, 105C
logo
VINATech Co.,Ltd.
VEL10303R8107G VINATECH-VEL10303R8107G Datasheet
148Kb / 4P
3.8V 30F
VEL13253R8157G VINATECH-VEL13253R8157G Datasheet
148Kb / 4P
3.8V 30F
VEL13353R8257G VINATECH-VEL13353R8257G Datasheet
148Kb / 4P
3.8V 30F
logo
XP Power Limited
VEL18 XPPOWER-VEL18 Datasheet
624Kb / 4P
VEL18 Series AC-DC Power Supplies
More results

Similar Description - VEL12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com