Electronic Components Datasheet Search
  English  ▼

X  

MAC12HCN Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC12HCN
Description  Triacs Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC12HCN Datasheet(HTML) 1 Page - ON Semiconductor

  MAC12HCN Datasheet HTML 1Page - ON Semiconductor MAC12HCN Datasheet HTML 2Page - ON Semiconductor MAC12HCN Datasheet HTML 3Page - ON Semiconductor MAC12HCN Datasheet HTML 4Page - ON Semiconductor MAC12HCN Datasheet HTML 5Page - ON Semiconductor MAC12HCN Datasheet HTML 6Page - ON Semiconductor MAC12HCN Datasheet HTML 7Page - ON Semiconductor MAC12HCN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
November, 2001 – Rev. 2
1
Publication Order Number:
MAC12HC/D
MAC12HCD, MAC12HCM,
MAC12HCN
Preferred Device
Triacs
Silicon Bidirectional Thyristors
Designed primarily for full-wave ac control applications, such as
motor controls, heating controls or dimmers; or wherever full–wave,
silicon gate–controlled devices are needed.
• Uniform Gate Trigger Currents in Three Quadrants, Q1, Q2, and Q3
• High Commutating di/dt and High Immunity to dv/dt @ 125°C
• Minimizes Snubber Networks for Protection
• Blocking Voltage to 800 Volts
• On-State Current Rating of 12 Amperes RMS at 80°C
• High Surge Current Capability – 100 Amperes
• Industry Standard TO-220AB Package for Ease of Design
• Glass Passivated Junctions for Reliability and Uniformity
• Device Marking: Logo, Device Type, e.g., MAC12HCD, Date Code
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage(1)
(TJ = –40 to 125°C, Sine Wave,
50 to 60 Hz, Gate Open)
MAC12HCD
MAC12HCM
MAC12HCN
VDRM,
VRRM
400
600
800
Volts
On-State RMS Current
(All Conduction Angles; TC = 80°C)
IT(RMS)
12
A
Peak Non-Repetitive Surge Current
(One Full Cycle, 60 Hz, TJ = 125°C)
ITSM
100
A
Circuit Fusing Consideration
(t = 8.33 ms)
I2t
41
A2sec
Peak Gate Power
(Pulse Width
≤ 1.0 µs, TC = 80°C)
PGM
16
Watts
Average Gate Power
(t = 8.3 ms, TC = 80°C)
PG(AV)
0.35
Watts
Operating Junction Temperature Range
TJ
–40 to
+125
°C
Storage Temperature Range
Tstg
–40 to
+150
°C
(1) VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
TRIACS
12 AMPERES RMS
400 thru 800 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MAC12HCD
TO220AB
50 Units/Rail
MAC12HCM
TO220AB
MAC12HCN
TO220AB
TO–220AB
CASE 221A
STYLE 4
1
2
3
4
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2
50 Units/Rail
50 Units/Rail
MT1
G
MT2
http://onsemi.com


Similar Part No. - MAC12HCN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC12HCN ONSEMI-MAC12HCN Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12HCNG ONSEMI-MAC12HCNG Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
More results

Similar Description - MAC12HCN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4M ONSEMI-MAC4M Datasheet
115Kb / 8P
TRIACS, Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
MAC224A ONSEMI-MAC224A Datasheet
53Kb / 8P
Triacs Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com