Electronic Components Datasheet Search
  English  ▼

X  

MSP3401 Datasheet(PDF) 2 Page - MORE Semiconductor Company Limited

Part # MSP3401
Description  -30V(D-S) P-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSP3401 Datasheet(HTML) 2 Page - MORE Semiconductor Company Limited

  MSP3401 Datasheet HTML 1Page - MORE Semiconductor Company Limited MSP3401 Datasheet HTML 2Page - MORE Semiconductor Company Limited MSP3401 Datasheet HTML 3Page - MORE Semiconductor Company Limited MSP3401 Datasheet HTML 4Page - MORE Semiconductor Company Limited MSP3401 Datasheet HTML 5Page - MORE Semiconductor Company Limited MSP3401 Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
-
-
±100
nA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-0.7
-1
-1.3
V
VGS=-10V, ID=-4.2A
-
50
55
m
Ω
VGS=-4.5V, ID=-4A
-
64
75
m
Ω
Drain-Source On-State Resistance
RDS(ON)
VGS=-2.5V, ID=-1A
95
130
m
Ω
Forward Transconductance
gFS
VDS=-5V,ID=-4.2A
-
10
-
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
-
950
-
PF
Output Capacitance
Coss
-
115
-
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
-
75
-
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
-
7
-
nS
Turn-on Rise Time
tr
-
3
-
nS
Turn-Off Delay Time
td(off)
-
30
-
nS
Turn-Off Fall Time
tf
VDD=-15V,ID=-3.2A
VGS=-10V,RGEN=6Ω
-
12
-
nS
Total Gate Charge
Qg
-
9.5
-
nC
Gate-Source Charge
Qgs
-
2
-
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-4A,VGS=-4.5V
-
3
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-1A
-
-
-1.2
V
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t
≤ 10 sec.
3. Pulse Test: Pulse Width
≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-
-
-1
μA
MORE Semiconductor Company Limited
http://www.moresemi.com
2/6
MSP3401



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com