Electronic Components Datasheet Search
  English  ▼

X  

VEL24 Datasheet(PDF) 2 Page - XP Power Limited

Part # VEL24
Description  VEL24 Series AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEL24 Datasheet(HTML) 2 Page - XP Power Limited

  VEL24 Datasheet HTML 1Page - XP Power Limited VEL24 Datasheet HTML 2Page - XP Power Limited VEL24 Datasheet HTML 3Page - XP Power Limited VEL24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VEL24 Series
www.xppower.com
2
AC-DC Power Supplies
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
85
%
Typical average of efficiencies measured at 25%, 50%, 75%
and 100% load and 115 VAC input
Energy Efficiency
Level VI
Isolation
3000
VAC
Input to Output
Switching Frequency
24
70
kHz
Variable
Mean Time Between Failure
250
kHrs
MIL-HDBK-217F at 25 °C GB
Weight
0.19 (85)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
0
+60
°C
Derate from 100% load at 40 °C to 50% load at 60 °C
Storage Temperature
-40
+85
°C
Operating Humidity
5
95
%
RH, non-condensing
Cooling
Natural convection
Shock
1 m drop onto concrete on each of 6 axes
Vibration
10
300
Hz
2 g 15 mins/sweep, 60 mins for each of 3 axes
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
±4 kV contact, ±8 kV air
A
Radiated Immunity
EN61000-4-3
3 V/m
A
EFT/Burst
EN61000-4-4
Level 2
A
Surge
EN61000-4-5
Level 2
A
Conducted Immunity
EN61000-4-6
3 V
A
Magnetic Fields
EN61000-4-8
1 A/m
A
Dips and Interruptions
EN55024 100% 10 ms, 30% 500 ms, 100% 5000 ms, Perf Criteria A, A, B
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Level B
Radiated
EN55022
Level B
Harmonic Current
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
Safety Approvals
Phenomenon
Standard
CB Report
IEC60950-1
UL
UL/cUL60950-1, approved as limited power source (LPS)
TUV
EN60950-1
CCC
China Compulsory Certification



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com