Electronic Components Datasheet Search
  English  ▼

X  

MAX1179ACUI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1179ACUI
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1179ACUI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1179ACUI Datasheet HTML 4Page - Maxim Integrated Products MAX1179ACUI Datasheet HTML 5Page - Maxim Integrated Products MAX1179ACUI Datasheet HTML 6Page - Maxim Integrated Products MAX1179ACUI Datasheet HTML 7Page - Maxim Integrated Products MAX1179ACUI Datasheet HTML 8Page - Maxim Integrated Products MAX1179ACUI Datasheet HTML 9Page - Maxim Integrated Products MAX1179ACUI Datasheet HTML 10Page - Maxim Integrated Products MAX1179ACUI Datasheet HTML 11Page - Maxim Integrated Products MAX1179ACUI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Track and Hold (T/H)
In track mode, the internal hold capacitor acquires the
analog signal (see Figure 4). In hold mode, the T/H
switches open and the capacitive DAC samples the
analog input. During the acquisition, the analog input
(AIN) charges capacitor CHOLD. The acquisition ends
on the second falling edge of CS. At this instant, the
T/H switches open. The retained charge on CHOLD rep-
resents a sample of the input. In hold mode, the capac-
itive DAC adjusts during the remainder of the
conversion time to restore node T/H OUT to zero within
the limits of a 16-bit resolution. Force CS low to put
valid data on the bus after conversion is complete.
Power-Down Modes
Select standby mode or shutdown mode with R/C during
the second falling edge of CS (see Selecting Standby or
Shutdown Mode section). The MAX1179/MAX1187/
MAX1189 automatically enter either standby mode (ref-
erence and buffer on) or shutdown (reference and buffer
off) after each conversion depending on the status of
R/C during the second falling edge of CS.
Internal Clock
The MAX1179/MAX1187/MAX1189 generate an internal
conversion clock to free the microprocessor from the bur-
den of running the SAR conversion clock. Total conver-
sion time after entering hold mode (second falling edge of
CS) to end-of-conversion (EOC) falling is 4.7µs (max).
Applications Information
Starting a Conversion
CS and R/C control acquisition and conversion in the
MAX1179/MAX1187/MAX1189 (see Figure 2). The first
falling edge of CS powers up the device and puts it in
acquire mode if R/C is low. The convert start (CS) is
ignored if R/C is high. The MAX1179/MAX1187/
MAX1189 need at least 12ms (CREFADJ = 0.1µF, CREF
= 10µF) for the internal reference to wake up and settle
before starting the conversion, if powering up from
shutdown. Reset the MAX1179/MAX1187/ MAX1189 by
toggling RESET with CS high. The next falling edge of
CS begins acquisition.
Selecting Standby or Shutdown Mode
The MAX1179/MAX1187/MAX1189 have a selectable
standby or low-power shutdown mode. In standby
mode, the ADC’s internal reference and reference
buffer do not power down between conversions, elimi-
nating the need to wait for the reference to power up
before performing the next conversion. Shutdown mode
powers down the reference and reference buffer after
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
8
_______________________________________________________________________________________
Figure 2. MAX1179/MAX1187/MAX1189 Timing Diagram
tCSL
tCSH
tACQ
tDH
R/C
CS
EOC
D0–D15
tDS
tDV
tEOC
tDO
tBR
tCONV
HIGH-Z
REF POWER-
DOWN CONTROL
HIGH-Z
DATA VALID
Figure 3. Typical Application Circuit for the MAX1179/MAX1187/
MAX1189
MAX1179
MAX1187
MAX1189
ANALOG
INPUT
AIN
AVDD
+5V ANALOG
+5V DIGITAL
DVDD
D0–D15
16-BIT
WIDE
µP DATA
BUS
10
µF
0.1
µF
0.1
µF
0.1
µF
R/C
CS
AGND DGND
REFADJ
REF
EOC
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com