| Electronic Components Datasheet Search |
|
LM1238AAC/NA Datasheet(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM1238AAC/NA Datasheet(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 24 page ![]() Control Register Definitions (Continued) Icon Alternate Period Control Register (I 2C address 0x0804h) Register Name (address): ALT (0x0804h) 7 654321 0 RSV RSV ASO1 ASO0 ALT3 ALT2 ALT1 ALT0 Bits 3–0 Icon Alternate Period. These four bits set the period at which the icon will switch between images, in increments of eight vertical fields. Bits 5–4 Alternate Sequence Override. These two bits enable the automatic alternating sequence of icons, or allow the icon to be set to one of the three alternative screens. TABLE 8. Alternating Icon Sequence Override Sequence Override Register Value Effect 00 Automatic Alternating Sequence 01 Set for Icon Screen 0 10 Set for Icon Screen 1 11 Set for Icon Screen 2 Bits 7–6 Reserved. Vertical Blank Duration Control Register (I 2C address 0x0805h) Register Name (address): VERTBLNK (0x0805h) 7 654321 0 RSV VB6 VB5 VB4 VB3 VB2 VB1 VB0 Bits 6–0 Vertical Blank Duration. These seven bits set the duration of the VBLANK signal in numbers of horizontal scans. Bit 7 Reserved. PRE-AMPLIFIER INTERFACE REGISTERS Blue Channel Gain Control Register (I 2C address 0x0810h) Register Name (address): BGAINCTRL (0x0810h) 7 654321 0 RSV BG BG BG BG BG BG BG Bits 6–0 Blue Channel Gain Control. These seven bits determine the gain for the Blue Channel. Bit 7 Reserved. Green Channel Gain Control Register (I 2C address 0x0811h) Register Name (address): GGAINCTRL1 (0x0811h) 7 654321 0 RSV GG GG GG GG GG GG GG Bits 6–0 Green Channel Gain Control. These seven bits determine the gain for the Green Channel. Bit 7 Reserved. Red Channel Gain Control Register (I 2C address 0x0812h) Register Name (address): RGAINCTRL1 (0x0812h) 7 654321 0 RSV RG RG RG RG RG RG RG Bits 6–0 Red Channel Gain Control. These seven bits determine the gain for the Red Channel. Bit 7 Reserved. www.national.com 21 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |