Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402APZS Datasheet(PDF) 21 Page - Texas Instruments

Part # TMX320LF2402APZS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402APZS Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMX320LF2402APZS Datasheet HTML 17Page - Texas Instruments TMX320LF2402APZS Datasheet HTML 18Page - Texas Instruments TMX320LF2402APZS Datasheet HTML 19Page - Texas Instruments TMX320LF2402APZS Datasheet HTML 20Page - Texas Instruments TMX320LF2402APZS Datasheet HTML 21Page - Texas Instruments TMX320LF2402APZS Datasheet HTML 22Page - Texas Instruments TMX320LF2402APZS Datasheet HTML 23Page - Texas Instruments TMX320LF2402APZS Datasheet HTML 24Page - Texas Instruments TMX320LF2402APZS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
memory maps
Reserved
0000
Hex
Program
On-Chip Flash Memory (Sectored) − if MP/MC = 0
External Program Memory − if MP/MC = 1
7FFF
8000
0000
005F
0060
Hex
Data
Memory-Mapped
Registers/Reserved Addresses
007F
0080
On-Chip DARAM B2
01FF
Illegal
02FF
0300
On-Chip DARAM (B0)§ (CNF = 0)
Reserved (CNF = 1)
03FF
0400
On-Chip DARAM (B1)
07FF
0800
Reserved
6FFF
7000
Illegal
Peripheral Memory-Mapped
Registers (System, WD, ADC,
SCI, SPI, CAN, I/O, Interrupts)
7FFF
8000
External
0000
Hex
I/O
FEFF
FF00
FF0E
FF0F
Reserved
External
FFFF
FEFF
FF00
FDFF
FE00
External
On-Chip DARAM (B0)‡ (CNF = 1)
External (CNF = 0)
FFFF
FFFE
Wait-State Generator Control
Register (On-Chip)
FF10
Flash Control Mode Register
SARAM (See Table 1 for details.)
FFFF
SARAM (2K)
Internal (PON = 1)
External (PON=0)
87FF
8800
0FFF
1000
3FFF
Flash Sector 1 (12K)
Flash Sector 2 (12K)
Flash Sector 3 (4K)
4000
6FFF
7000
0FFF
1000
0200
SARAM (2K)
Internal (DON = 1)
Reserved (DON=0)
Reserved or Illegal
Flash Sector 0 (4K)
Interrupt Vectors (0000−003Fh)
Reserved† (0040−0043h)
User code begins at 0044h
Reserved‡ (CNF = 1)
External (CNF = 0)
Reserved
00FF
0100
Illegal
04FF
0500
NOTE A: Boot ROM: If the boot ROM is enabled, then addresses 0000−00FF in the program space will be occupied by boot ROM.
† Addresses 0040h−0043h in on-chip program memory are reserved for code security passwords.
‡ When CNF = 1, addresses FE00h−FEFFh and FF00h−FFFFh are mapped to the same physical block (B0) in program-memory space. For
example, a write to FE00h has the same effect as a write to FF00h. For simplicity, addresses FE00h−FEFFh are referred to as reserved when
CNF = 1.
§ When CNF = 0, addresses 0100h−01FFh and 0200h−02FFh are mapped to the same physical block (B0) in data-memory space. For example,
a write to 0100h has the same effect as a write to 0200h. For simplicity, addresses 0100h−01FFh are referred to as reserved.
Addresses 0300h−03FFh and 0400h−04FFh are mapped to the same physical block (B1) in data-memory space. For example, a write to 0400h
has the same effect as a write to 0300h. For simplicity, addresses 0400h−04FFh are referred to as reserved.
Figure 1. TMS320LF2407A Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com