Electronic Components Datasheet Search
  English  ▼

X  

MAX9374ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9374ESA
Description  Differential LVPECL-to-LVDS Translators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9374ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9374ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9374ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9374ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9374ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9374ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9374ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9374ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9374ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9374ESA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Differential LVPECL-to-LVDS Translators
_______________________________________________________________________________________
5
Pin Description
PIN
SOT23
SO
NAME
FUNCTION
14
VBB
Reference Output Voltage. Connect to the inverting or noninverting data input to provide a reference
for single-ended operation. When used, bypass with a 0.01µF ceramic capacitor to VCC; otherwise,
leave it open.
2
5
GND
Ground. Provide a low-impedance connection to the ground plane.
33
D
Inverted LVPECL Data Input. 36.5k
Ω pullup to VCC and 75kΩ pulldown to GND.
4
2
D
Noninverted LVPECL Data Input. 75k
Ω pullup to VCC and 75kΩ pulldown to GND.
58
VCC
Positive Supply Voltage. Bypass VCC to GND with 0.1µF and 0.01µF ceramic capacitors. Place the
capacitors as close to the device as possible with the smaller value capacitor closest to the device.
6
7
Q
Noninverted LVDS Output. Typically terminate with 100
Ω to Q.
76
Q
Inverted LVDS Output. Typically terminate with 100
Ω to Q.
8
1
N.C.
No Connection. Not internally connected.
VIHD - VILD
D
D
VIHD
VILD
VOD
VOS
Q
Q
VOH
VOL
tPLH_
tPHL_
tR
(Q) - (Q)
20%
80%
tF
80%
20%
0 (DIFFERENTIAL)
0 (DIFFERENTIAL)
Figure 1. MAX9374/MAX9374A Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com