Electronic Components Datasheet Search
  English  ▼

X  

MBRA120 Datasheet(PDF) 1 Page - International Rectifier

Part # MBRA120
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRA120 Datasheet(HTML) 1 Page - International Rectifier

  MBRA120 Datasheet HTML 1Page - International Rectifier MBRA120 Datasheet HTML 2Page - International Rectifier MBRA120 Datasheet HTML 3Page - International Rectifier MBRA120 Datasheet HTML 4Page - International Rectifier MBRA120 Datasheet HTML 5Page - International Rectifier MBRA120 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHOTTKY RECTIFIER
1.0 Amp
MBRA120
Bulletin PD-20643 rev. D 03/03
1
Major Ratings and Characteristics
I
FAV
Rect. Waveform
1.0
A
V
RRM
20
V
I
FSM
@ tp = 5 µs sine
310
A
V
F
@1.0Apk, T
J
=125°C
0.34
V
T
J
range
- 65 to 150
°C
Characteristics
MBRA120
Units
The MBRA120 surface mount Schottky rectifier has been
designed for applications requiring low forward drop and very
small foot prints on PC boards. Typical applications are in disk
drives, switching power supplies, converters, free-wheeling
diodes, battery charging, and reverse battery protection.
Small foot print, surface mountable
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Description/ Features
2.50 (.098)
2.90 (.114)
4.00 (.157)
4.60 (.181)
1.40 (.055)
1.60 (.062)
.152 (.006)
.305 (.012)
2.00 (.078)
2.44 (.096)
0.76 (.030)
1.52 (.060)
.103 (.004)
.203 (.008)
4.80 (.188)
5.28 (.208)
2.10 MAX.
(.085 MAX. )
5.53 (.218)
1.27 MIN.
(.050 MIN.)
1.47 MIN.
(.058 MIN.)
SOLDERING PAD
CA THO D E
ANO D E
1
2
1
2
P O LA RI TY
PA RT NU MB ER
SMA
Outline SMA Similar to D-64
Dimensions in millimeters and (inches)
For recommended footprint and soldering techniques refer to application note #AN-994
Device Marking: IR12A
www.irf.com


Similar Part No. - MBRA120

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MBRA120 SEMTECH_ELEC-MBRA120 Datasheet
216Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
MBRA120 TAYCHIPST-MBRA120 Datasheet
1Mb / 2P
SURFACE MOUNT SCHOTTK Y BARRIER RECTIFIER
logo
ON Semiconductor
MBRA120E ONSEMI-MBRA120E Datasheet
102Kb / 4P
Surface Mount Schottky Power Rectifier
February, 2014 ??Rev. 4
MBRA120E ONSEMI-MBRA120E Datasheet
274Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
February, 2020 - Rev. 6
MBRA120ET3 ONSEMI-MBRA120ET3 Datasheet
43Kb / 4P
Surface Mount Schottky Power Rectifier 1 AMPERE 20 VOLTS
December, 2003 ??Rev. 2
More results

Similar Description - MBRA120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com