Electronic Components Datasheet Search
  English  ▼

X  

281DM2LP11000B Datasheet(PDF) 1 Page - ETRI

Part # 281DM2LP11000B
Description  DC Axial Fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

281DM2LP11000B Datasheet(HTML) 1 Page - ETRI

  281DM2LP11000B Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition
2016
L-10 LIFE AT 40°C :
70 000 hours
Life expectancy
Approvals
0,0
0,5
1,0
1,5
2,0
2,5
3,0
02
468
0,00
0,02
0,04
0,06
0,08
0,10
0,12
02
46
8
10
12
14
16
281DL
0
1
2
3
4
5
024
68
10
0,00
0,05
0,10
0,15
0,20
0
5
10
15
20
281DM
0
1
2
3
4
5
6
02
46
8
10
12
0,0
0,1
0,1
0,2
0,2
0
5
10
15
20
25
281DH
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
0
1
2
3
4
5
6
7
8
02
468
10
12
14
0,00
0,05
0,10
0,15
0,20
0,25
0,30
0
5
10
15
20
25
281DS
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
R
Additional versions:
Higher speeds (refer to page 11)
Brushless DC Motor
Electrical protection:
Housing material: plastic UL 94 V0
Impeller material: plastic UL 94 V0
Maximum weight: 80g
Bearing system: ball bearings
integrated circuit
Connection: flying leads
IP 20
Available with:
- Speed sensor
- Alarm
-IP 54/IP 55
Part Number
Nominal voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
281DL1LP11000B
12
7,9
26,5
3100
0,96
(4-13,8)
-10
70
281DL2LP11000B
24
7,9
26,5
3100
1,44
(14-27,6)
-10
70
281DM1LP11000B
12
9,3
31
3600
1,56
(4-13,8)
-10
70
281DM2LP11000B
24
9,3
31
3600
1,68
(14-27,6)
-10
70
281DH1LP11000B
12
11
34
4250
1,68
(4-13,8)
-10
70
281DH2LP11000B
24
11
34
4250
2,16
(14-27,6)
-10
70
281DS1LP11000B
12
13
40
5000
2,04
(4-13,8)
-10
70
281DS2LP11000B
24
13
40
5000
2,64
(14-27,6)
-10
70
281DS4LP11000B
48
13
40
5000
3,84
(28-56)
-10
70
V
l/s
dB(A)
RPM
W
V
Min.°C
Max.°C
DC Axial Fans
281D
Series
L, M, H, S
speeds
60x60x25mm
2,362’’ x 2,362” x 0,984’’


Similar Part No. - 281DM2LP11000B

ManufacturerPart #DatasheetDescription
logo
ETRI
281DM2LP11000B ETRI-281DM2LP11000B Datasheet
159Kb / 1P
DC Axial Fans
More results

Similar Description - 281DM2LP11000B

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com