Electronic Components Datasheet Search
  English  ▼

X  

MAX5455 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5455
Description  Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5455 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5455 Datasheet HTML 1Page - Maxim Integrated Products MAX5455 Datasheet HTML 2Page - Maxim Integrated Products MAX5455 Datasheet HTML 3Page - Maxim Integrated Products MAX5455 Datasheet HTML 4Page - Maxim Integrated Products MAX5455 Datasheet HTML 5Page - Maxim Integrated Products MAX5455 Datasheet HTML 6Page - Maxim Integrated Products MAX5455 Datasheet HTML 7Page - Maxim Integrated Products MAX5455 Datasheet HTML 8Page - Maxim Integrated Products MAX5455 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Dual, 256-Tap, Up/Down Interface,
Digital Potentiometers
_______________________________________________________________________________________
3
Note 1: Linearity is defined in terms of the H_ to L_ code-dependent resistance.
Note 2: The DNL and INL are measured with the potentiometer configured as a voltage divider with H_ = VDD and L_ = GND. The
wiper terminal is unloaded and measured with an ideal voltmeter.
Note 3: The DNL and INL are measured with the potentiometer configured as a variable resistor. For the 3-terminal potentiometers
(MAX5451/MAX5453/MAX5455), H_ is unconnected and L_ = GND. For the 2-terminal potentiometers
(MAX5450/MAX5452/MAX5454), L_ = GND. At VDD = +5V, the wiper terminal is driven with a source current of 400µA for the
10k
Ω configuration, 80µA for the 50kΩ configuration, and 40µA for the 100kΩ configuration. At VDD = +3V,
200µA/40µA/20µA for 10k
Ω/50kΩ/100kΩ configuration, respectively.
Note 4: The wiper resistance is the worst value measured by injecting the currents given in Note 3 into W_ with L_ = GND. RW_ =
(VW_ - VH_) / IW_.
Note 5: Device draws higher supply current when digital inputs are driven with voltages between 0.3 x VDD and 0.7 x VDD. (See
Supply Current vs. Digital Input Voltage in the Typical Operating Characteristics.)
Note 6: Wiper-Settling Time is the worst case 0% to 50% rise-time measured between consecutive wiper positions. H_ = VDD, L_ =
GND, and the wiper terminal is unloaded and measured with a 10pF oscilloscope probe (see Tap-To-Tap Switching
Transient in the Typical Operating Characteristics).
Note 7: Digital timing is guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.5V, VH = VDD, VL = 0; TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = +5V, TA = +25°C,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (Note 5)
Input High Voltage
VIH
0.7 x VDD
V
Input Low Voltage
VIL
0.3 x VDD
V
Input Leakage Current
±1.0
µA
Input Capacitance
5pF
TIMING CHARACTERISTICS (Analog)
MAX5451
0.5
MAX5453
1.2
Wiper-Settling Time
(Note 6)
tIW
MAX5455
1.8
µs
TIMING CHARACTERISTICS (Digital, Note 7, Figure 1)
Maximum
INC Frequency
fMAX
7
MHz
CS to INC Setup Time
tCI
25
ns
CS to INC Hold Time
tIC
0ns
INC Low Period
tIL
25
ns
INC High Period
tIH
25
ns
U/
D to INC Setup
tDI
50
ns
U/
D to INC Hold
tID
0ns
POWER SUPPLIES
Supply Voltage
VDD
2.7
5.5
V
VDD = +5V
0.7
2
Supply Current
IDD
CS = INC = U/D = VDD
or GND
VDD = +2.7V
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com