Electronic Components Datasheet Search
  English  ▼

X  

TRSF3221CPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # TRSF3221CPWR
Description  3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRSF3221CPWR Datasheet(HTML) 2 Page - Texas Instruments

  TRSF3221CPWR Datasheet HTML 1Page - Texas Instruments TRSF3221CPWR Datasheet HTML 2Page - Texas Instruments TRSF3221CPWR Datasheet HTML 3Page - Texas Instruments TRSF3221CPWR Datasheet HTML 4Page - Texas Instruments TRSF3221CPWR Datasheet HTML 5Page - Texas Instruments TRSF3221CPWR Datasheet HTML 6Page - Texas Instruments TRSF3221CPWR Datasheet HTML 7Page - Texas Instruments TRSF3221CPWR Datasheet HTML 8Page - Texas Instruments TRSF3221CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
DIN
DOUT
Auto-Powerdown
INVALID
RIN
FORCEOFF
FORCEON
ROUT
EN
11
16
9
13
10
8
1
12
TRSF3221
3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SLLS857 – AUGUST 2007
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SSOP – DB
Reel of 2000
TRSF3221CDBR
RT21C
0
°C to 70°C
Tube of 90
TRSF3221CPW
TSSOP – PW
RT21C
Reel of 2000
TRSF3221CPWR
SSOP – DB
Reel of 2000
TRSF3221IDBR
RT21I
–40
°C to 85°C
Tube of 90
TRSF3221IPW
TSSOP – PW
RT21I
Reel of 2000
TRSF3221IPWR
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
FUNCTION TABLES
abc
Each Driver(1)
INPUTS
OUTPUT
DRIVER STATUS
VALID RIN
DOUT
DIN
FORCEON
FORCEOFF
RS-232 LEVEL
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
auto-powerdown disabled
H
H
H
X
L
L
L
H
Yes
H
Normal operation with
auto-powerdown enabled
H
L
H
Yes
L
L
L
H
No
Z
Powered off by
auto-powerdown feature
H
L
H
No
Z
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
abc
Each Receiver(1)
INPUTS
OUTPUT
VALID RIN
ROUT
RIN
EN
RS-232 LEVEL
L
L
X
H
H
L
X
L
X
H
X
Z
Open
L
No
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off),
Open = disconnected input or connected driver off
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TRSF3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com