Electronic Components Datasheet Search
  English  ▼

X  

MBRF20H100CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBRF20H100CT
Description  Dual High-Voltage Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF20H100CT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBRF20H100CT Datasheet HTML 1Page - Vishay Siliconix MBRF20H100CT Datasheet HTML 2Page - Vishay Siliconix MBRF20H100CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBR20H100CT, MBRF20H100CT & MBRB20H100CT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88673
www.vishay.com
03-Sep-04
3
Ratings and
Characteristic Curves per leg (T
A = 25°C unless otherwise noted)
0
4
8
12
20
0
50
100
150
16
0
50
150
100
250
200
300
110
100
1.0
1000
0.01
0.1
0.1
110
100
1000
10000
10
100
180
MBRF
MBR
MBRB
10000
100
10
Fig. 1 — Forward Current Derating Curve
Fig. 2 — Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
20
100
40
60
80
TJ = 25°C
TJ = 150°C
TJ = 100°C
TJ = 125°C
Fig. 4 — Typical Reverse Characteristics
Per Leg
0.1
0.2
0.6
0.7
0.8
0.9
0.3
100
10
0.1
0.01
1.0
0.4
0.5
1.0
TJ = 25°C
TJ=150°C
TJ = 175°C
TJ = 125°C
TJ = 100°C
0.01
0.1
1
10
10
100
0.1
1
Fig. 5 - Typical Junction Capacitance
Per Leg
Fig. 6 - Typical Transient Thermal Impedance
Per Leg
Fig. 3 — Typical Instantaneous
Forward Characteristics Per Leg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com