Electronic Components Datasheet Search
  English  ▼

X  

MBRA340 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRA340
Description  Surface Mount Schottky Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRA340 Datasheet(HTML) 1 Page - ON Semiconductor

  MBRA340 Datasheet HTML 1Page - ON Semiconductor MBRA340 Datasheet HTML 2Page - ON Semiconductor MBRA340 Datasheet HTML 3Page - ON Semiconductor MBRA340 Datasheet HTML 4Page - ON Semiconductor MBRA340 Datasheet HTML 5Page - ON Semiconductor MBRA340 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 2
1
Publication Order Number:
MBRA340T3/D
MBRA340T3
Surface Mount
Schottky Power Rectifier
SMA Power Surface Mount Package
Employing the Schottky Barrier principle in a large area
metal−to−silicon power diode. State of the art geometry features
epitaxial construction with oxide passivation and metal overlay
contact. Ideally suited for low voltage, high frequency rectification, or
as free wheeling and polarity diodes in surface mount applications
where compact size and weight are critical to the system.
• Small Compact Surface Mountable Package with J−Bent Leads
• Rectangular Package for Automated Handling
• Highly Stable Oxide Passivated Junction
• Very Low Forward Voltage Drop
• Guardring for Stress Protection
• Pb−Free Package is Available
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 70 mg (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Shipped in 12 mm tape, 5000 units per 13 inch reel
• Polarity: Cathode Lead Indicated by Polarity Band
• ESD Ratings: Machine Model = C
ESD Ratings: Human Body Model = 3B
• Device Meets MSL 1 Requirements
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Forward Current
(At Rated VR, TL = 100°C)
IO
3.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load
Conditions Halfwave, Single Phase,
60 Hz)
IFSM
100
A
Storage/Operating Case Temperature
Tstg, TC
−55 to +150
°C
Operating Junction Temperature
TJ
−55 to +125
°C
Voltage Rate of Change
(Rated VR, TJ = 25°C)
dv/dt
10,000
V/
ms
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
Device
Package
Shipping†
ORDERING INFORMATION
MBRA340T3
SMA
5000/Tape & Reel
SCHOTTKY BARRIER
RECTIFIER
3.0 AMPERES
40 VOLTS
MARKING DIAGRAM
SMA
CASE 403D
PLASTIC
A34
ALYW
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MBRA340T3G
SMA
(Pb−Free)
5000/Tape & Reel
Cathode
Anode
A34
= Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
12
1
2


Similar Part No. - MBRA340

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA340 ONSEMI-MBRA340 Datasheet
204Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
March, 2020 - Rev. 12
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
54Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
October, 2006 ??Rev. 4
logo
Linear Technology
MBRA340T3 LINER-MBRA340T3 Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
logo
Shenzhen Taychipst Elec...
MBRA340T3 TAYCHIPST-MBRA340T3 Datasheet
6Mb / 3P
Surface Mount Schottky Power Rectifier
logo
ON Semiconductor
MBRA340T3G ONSEMI-MBRA340T3G Datasheet
54Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
October, 2006 ??Rev. 4
More results

Similar Description - MBRA340

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
MBRA210ET3 ONSEMI-MBRA210ET3_08 Datasheet
100Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2008 ??Rev. 6
MBRS3100T3G ONSEMI-MBRS3100T3G Datasheet
97Kb / 4P
Surface Mount Schottky Power Rectifier
October, 2010 ??Rev. 3
SBR80520LT1G ONSEMI-SBR80520LT1G Datasheet
152Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6
NRVBS3200T3G ONSEMI-NRVBS3200T3G Datasheet
96Kb / 4P
Surface Mount Schottky Power Rectifier
June, 2012 ??Rev. 5
logo
First Silicon Co., Ltd
FDR140 FS-FDR140 Datasheet
277Kb / 4P
Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com