Electronic Components Datasheet Search
  English  ▼

X  

AS4C32M16D2 Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS4C32M16D2
Description  512M (32M x 16 bit) DDRII Synchronous DRAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M16D2 Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS4C32M16D2 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
AS4C32M16D2
Alliance Memory Inc. 551 Taylor Way, San Carlos, CA 94070
TEL: (650) 610-6800
FAX: (650) 620-9211
Alliance Memory Inc. reserves the right to change products or specification without notice.
21
Rev. 1.1
Feb. /2013
 Auto precharge operation
Before a new row in an active bank can be opened, the active bank must be precharged using either the Precharge
Command or the auto-precharge function. When a Read or a Write Command is given to the DDR2 SDRAM, the CAS#
timing accepts one extra address, column address A10, to allow the active bank to automatically begin precharge at
the earliest possible moment during the burst read or write cycle. If A10 is LOW when the READ or WRITE Command
is issued, then normal Read or Write burst operation is executed and the bank remains active at the completion of
the burst sequence. If A10 is HIGH when the Read or Write Command is issued, then the auto-precharge function is
engaged. During auto-precharge, a Read Command will execute as normal with the exception that the active bank
will begin to precharge on the rising edge which is CAS latency (CL) clock cycles before the end of the read burst.
Auto-precharge also be implemented during Write commands. The precharge operation engaged by the Auto
precharge command will not begin until the last data of the burst write sequence is properly stored in the memory
array. This feature allows the precharge operation to be partially or completely hidden during burst Read cycles
(dependent upon CAS latency) thus improving system performance for random data access. The RAS# lockout circuit
internally delays the Precharge operation until the array restore operation has been completed (tRAS satisfied) so that
the auto precharge command may be issued with any Read or Write command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com