Electronic Components Datasheet Search
  English  ▼

X  

LM322 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM322
Description  Precision Timers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM322 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM322 Datasheet HTML 6Page - National Semiconductor (TI) LM322 Datasheet HTML 7Page - National Semiconductor (TI) LM322 Datasheet HTML 8Page - National Semiconductor (TI) LM322 Datasheet HTML 9Page - National Semiconductor (TI) LM322 Datasheet HTML 10Page - National Semiconductor (TI) LM322 Datasheet HTML 11Page - National Semiconductor (TI) LM322 Datasheet HTML 12Page - National Semiconductor (TI) LM322 Datasheet HTML 13Page - National Semiconductor (TI) LM322 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application Hints (Continued)
Triggering with Negative Edge
Although the LM122 is triggered by a positive going trigger
signal a differentiator tied to a normally ‘‘high’’ trigger will
result in negative edge triggering In
Figure 19 R1 serves
the dual purpose of holding the trigger pin normally high and
differentiating the input trigger pulse coupled through C1
The timing diagram included with
Figure 21 shows that trig-
gering actually occurs a short time after the negative going
trigger while positive going triggers have no effect The de-
lay time between a negative trigger signal and actual starts
of timing is approximately (05 to 15) (R1
 C1) depending
on the trigger amplitude or about 25 to 75 ms with the
values shown This time will have to be increased for Ct
larger than 001 mF because Ct is charged to VREF whenev-
er the trigger pin is kept high and must reset itself during the
short time that the trigger pin voltage is low A conservative
value for C1 is
C1 t
Ct
10
Chain of Timers
The LM122 can be connected as a chain of timers quite
easily with no interface required In
Figure 20A and 20B two
TLH7768 – 30
FIGURE 19 Timer Triggered by Negative
Edge of Input Pulse
possible connections are shown In both cases the output
of the timer is low during the timing period so that the posi-
tive going signal at the end of the timing period can trigger
the next timer There is no limitation on the timing period of
one timer with respect to any other timer before or after it
because the trigger input to any timer can be high or low
when that timer ends its timing period
TLH7768 – 31
(a)
TLH7768 – 32
TLH7768 – 33
(b)
FIGURE 20 Chain of Timers
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com