Electronic Components Datasheet Search
  English  ▼

X  

AXDO9000 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXDO9000
Description  Very High Frequency Stability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXDO9000 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXDO9000 Datasheet HTML 1Page - Advanced XTAL Products AXDO9000 Datasheet HTML 2Page - Advanced XTAL Products AXDO9000 Datasheet HTML 3Page - Advanced XTAL Products AXDO9000 Datasheet HTML 4Page - Advanced XTAL Products AXDO9000 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXDO9000 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXDO9000
Rev.: 1
Date: 2016-07-04
Oscillator type:
Very High Stability Ultra-Low Noise Reference (D)OCXO
with integrated distribution amplifier with 4 to 16 outputs
Features:
Very High Frequency Stability
Ultra-Low Phase Noise
Very Low Aging
4 to 16 isolated outputs for frequency distribution
Slim 19” rack with 1 HU
For ultimate frequency stability see our GPS-disciplined OCXO AXGPS9000
and our Rubidium Reference AXRB9000
Models:
Item
(D)OCXO
(D)OCXO with integrated
Distribution amplifiers
GPS-disciplined
OCXO
Rubidium
Model
AXIOM9000
AXDO9000
AXGPS9000
AXRB9000
Features
DOCXO option
Ultra-low noise
Very high stability
Can be combined
with AXDA9000 up
to 48 outputs
Stability as AXIOM9000 plus
low noise high isolation
frequency distribution
amplifier with 4 to 16 outputs
Low noise
Stability 10
-11
Distribution option
Excellent long-term
stability
Distribution option
Performance
See separate data
sheet
See specification
Consult factory


Similar Part No. - AXDO9000

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXDO9000 AXTAL-AXDO9000 Datasheet
479Kb / 5P
Very High Frequency Stability
2016-07-01
AXDO9000 AXTAL-AXDO9000 Datasheet
269Kb / 5P
High Stability Low Noise Rubidium Frequency Reference
More results

Similar Description - AXDO9000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG-1012JA ETC1-HG-1012JA Datasheet
111Kb / 1P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson Company
HG-1000 EPSON-HG-1000 Datasheet
82Kb / 2P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
EUROQUARTZ limited
ZT5050 EUROQUARTZ-ZT5050 Datasheet
73Kb / 1P
Very High Stability
logo
Advanced XTAL Products
AXIOM9000 AXTAL-AXIOM9000 Datasheet
479Kb / 5P
Very High Frequency Stability
2016-07-01
AXIOM130HP AXTAL-AXIOM130HP Datasheet
116Kb / 4P
High-performance OCXO with very high frequency stability
2015-06-23
AXRB1003H AXTAL-AXRB1003H Datasheet
212Kb / 4P
Very High Stability Rubidium Oscillator
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
High precision and high frequency stability.
OZ-SERIES TXC-OZ-SERIES Datasheet
1Mb / 1P
High precision and high frequency stability.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com