Electronic Components Datasheet Search
  English  ▼

X  

AXE10LE Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXE10LE
Description  SMD SPXO with LVDS Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE10LE Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXE10LE Datasheet HTML 1Page - Advanced XTAL Products AXE10LE Datasheet HTML 2Page - Advanced XTAL Products AXE10LE Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXE10L/LE Rev.2
www.axtal.com
Roemerring 9
Drawing D2
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXE10L/LE
Rev.: 2
Date: 2014-04-04
Oscillator type:
SMD SPXO with LVDS Output
Parameter
min.
typ.
max. Unit
Condition
Frequency range
1.000
800
MHz
Frequency stability (Note 2)
±25
±50
ppm
ppm
Option 2 = “25-0C”
Option 2 = “50-4F”
Initial tolerance
ppm
vs. operating temperature range
ppm
Included in
“frequency stability”
vs. supply voltage variation
±3
ppm
VS ±5%
vs. load change
±1
ppm
Load ±5%
Long term (aging) per year
±3
ppm
@ +25°C
Frequency adjustment range
Electronic Frequency Control (EFC) range
N.A.
ppm
RF output
Signal waveform
LVDS
Load
50
Rise & decay time
1
ns
20% ~ 80% of amplitude
Symmetry (duty cycle)
45
55
%
@ VS/2
Start-up time
10
ms
Jitter (RMS)
1
ps
10 kHz ~ 20 MHz
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.75
V
V
Option 1 = “33”
Option 1 = “50”
Current consumption (steady state)
120
mA
@ +25°C (Note 3)
Not applicable
Model = “AXE10L”
Enable/Disable function (Pin 1)
VL < 0.8 V: Enable
VH > 2.0 V or OPEN: Disable
Model = “AXE10LE”
Operating temperature range
0
-40
+70
+85
°C
°C
Option 2 = “25-0C”
Option 2 = “50-4F”
Enclosure (see drawing) (LxWxH)
14.8x9.8x5.5 max.
mm
IEC 61837 CO 27
Weight
2
g
Packing
Tape & Reel
IEC 60286-3
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Frequency stability = initial tolerance + stability vs. temperature
3.
Maximum current consumption depends on frequency and load
4.
All combinations of options might not be available. Please consult factory
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Storage Temperature
-55
+105
°C
Ordering Code
Model
Option 1
[Supply Voltage]
Option 2
[Temperature range]
Revision
Frequency [MHz]
AXE10L
AXE10LE
50
25-0C
Rev.2
155.520
Example: AXE10L-50-25-0C_Rev.2 – 155.520 MHz


Similar Part No. - AXE10LE

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10LN AXTAL-AXE10LN Datasheet
99Kb / 3P
Low Phase Noise SMD SPXO with HCMOS Output
2014-04-04
More results

Similar Description - AXE10LE

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-210SEBA EPSON-SG-210SEBA Datasheet
380Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SED EPSON-SG-210SED Datasheet
341Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SGB EPSON-SG-210SGB Datasheet
354Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
logo
Advanced XTAL Products
AXE10LN AXTAL-AXE10LN Datasheet
99Kb / 3P
Low Phase Noise SMD SPXO with HCMOS Output
2014-04-04
AXE15LN AXTAL-AXE15LN Datasheet
99Kb / 3P
Low Phase Noise SMD SPXO with Sine Wave Output
2014-04-04
AXE3225P AXTAL-AXE3225P Datasheet
158Kb / 3P
SMD SPXO with PECL Output in 3.2x2.5 mm package
2016-04-15
AXE3225WT AXTAL-AXE3225WT Datasheet
187Kb / 3P
SMD SPXO with HCMOS Output in 3.2x2.5 mm package
logo
Epson Company
SG-310 EPSON-SG-310 Datasheet
867Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG3225HBN EPSON-SG3225HBN Datasheet
431Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : HCSL
SG3225VEN EPSON-SG3225VEN Datasheet
618Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : LVDS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com