Electronic Components Datasheet Search
  English  ▼

X  

AXE15LN Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXE15LN
Description  Low Phase Noise SMD SPXO with Sine Wave Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE15LN Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXE15LN Datasheet HTML 1Page - Advanced XTAL Products AXE15LN Datasheet HTML 2Page - Advanced XTAL Products AXE15LN Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXE15LN Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXE15LN
Rev.: 1
Date: 2014-04-04
Oscillator type:
Low Phase Noise SMD SPXO with Sine Wave Output
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
10
165
MHz
Frequency stability
ppm
Initial tolerance
±5
ppm
vs. operating temperature range
±5
ppm
vs. supply voltage variation
±0.5
ppm
VS ± 5%
vs. load change
±0.5
ppm
RL ± 10%
Long term (aging) 1
st year
±1
ppm
@ 40°C
Frequency adjustment range
Electronic Frequency Control (EFC)
N.A.
ppm
on request
RF output
Signal waveform
Sine Wave
Load
50
Ω
± 10%
Output level
0
+5
dBm
Harmonics
-30
dBc
Start-up time
4
ms
Phase noise @ 100 MHz
(Note 3)
-95
-125
-150
-155
-160
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
10 Hz
100 Hz
1 kHz
10 kHz
≥100 kHz
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
V
Option = „33“
Option = „50“
Current consumption (steady state)
30
mA
@ +25°C
Operating temperature range
0
+50
°C
(Note 2)
Enclosure (see drawing)
14.4x9.5x6.0 max.
mm
IEC 61837 CO 27
Weight
2
g
Packing
Tape & Reel
IEC 60286-3
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other temperature range and stabilities on request
3.
Phase noise at other frequencies on request
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Storage Temperature
-55
+125
°C
Ordering Code
Model
Option
[Supply Voltage]
Revision
Frequency [MHz]
AXE15LN
50
Rev.1
100.000
Example: AXE15LN-50_Rev.1 – 100.000 MHz


Similar Part No. - AXE15LN

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
SMD PXO (Clock) in CO 26 package
2005-06-08
AXE10-14 AXTAL-AXE10-14 Datasheet
159Kb / 2P
PXO for WLAN Test Equipment
Date: 2004-03-24
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
Crystal Oscillator (PXO) 1000 MHz
2008-01-25
AXE10L AXTAL-AXE10L Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
AXE10LE AXTAL-AXE10LE Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
More results

Similar Description - AXE15LN

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM75 AXTAL-AXIOM75 Datasheet
65Kb / 2P
OCXO with Sine Wave Output, Low Phase Noise
2007-05-14
AXE10LN AXTAL-AXE10LN Datasheet
99Kb / 3P
Low Phase Noise SMD SPXO with HCMOS Output
2014-04-04
AXIOM2520-11 AXTAL-AXIOM2520-11 Datasheet
103Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
2014-07-09
AXIOM15-23 AXTAL-AXIOM15-23 Datasheet
101Kb / 3P
Low Phase Noise SMD OCXO with Sine Wave Output
2014-07-09
AXIS15LN AXTAL-AXIS15LN Datasheet
105Kb / 4P
Low Phase Noise SMD VCXO with Sine Wave Output
AXIOM55LN AXTAL-AXIOM55LN Datasheet
117Kb / 4P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-11 AXTAL-AXIOM75-11 Datasheet
93Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
Low Phase Noise OCXO with Sine Wave Output
AXIOM130LN AXTAL-AXIOM130LN Datasheet
116Kb / 4P
Low Phase Noise OCXO with Sine Wave Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com