Electronic Components Datasheet Search
  English  ▼

X  

TMX320LC2402AVFS Datasheet(PDF) 49 Page - Texas Instruments

Part # TMX320LC2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LC2402AVFS Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMX320LC2402AVFS Datasheet HTML 45Page - Texas Instruments TMX320LC2402AVFS Datasheet HTML 46Page - Texas Instruments TMX320LC2402AVFS Datasheet HTML 47Page - Texas Instruments TMX320LC2402AVFS Datasheet HTML 48Page - Texas Instruments TMX320LC2402AVFS Datasheet HTML 49Page - Texas Instruments TMX320LC2402AVFS Datasheet HTML 50Page - Texas Instruments TMX320LC2402AVFS Datasheet HTML 51Page - Texas Instruments TMX320LC2402AVFS Datasheet HTML 52Page - Texas Instruments TMX320LC2402AVFS Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
input qualifier circuitry
An input-qualifier circuitry qualifies the input signal to the CAP1−6, QEP1−4, XINT1/2, ADCSOC and
PDPINTA/B pins in the 240xA devices. (The I/O functions of these pins do not use the input-qualifier circuitry).
The state of the internal input signal will change only after the pin is high/low for 6(12) clock edges. This ensures
that a glitch smaller than 5(11) CLKOUT cycles wide will not change the internal pin input state. The user must
hold the pin high/low for 6(12) cycles to ensure the device will see the level change. Bit 6 of the SCSR2 register
controls whether 6 clock edges (bit 6 = 0) or 12 clock edges (bit 6 = 1) are used to block 5- or 11-cycle glitches.
On the LC2402A, input qualification is for the CAP1, CAP2, CAP3, PDPINTA, and XINT2/ADCSOC pins.
enhanced analog-to-digital converter (ADC) module
A simplified functional block diagram of the ADC module is shown in Figure 12. The ADC module consists of
a 10-bit ADC with a built-in sample-and-hold (S/H) circuit. Functions of the ADC module include:
D 10-bit ADC core with built-in S/H
D 16-channel, MUXed inputs
D Autosequencing capability provides up to 16 “autoconversions” in a single session. Each conversion can
be programmed to select any 1 of 16 input channels
D Sequencer can be operated as two independent 8-state sequencers or as one large 16-state sequencer
(i.e., two cascaded 8-state sequencers)
D Sixteen result registers (individually addressable) to store conversion values
−
The digital value of the input analog voltage is derived by:
Digital Value
+ 1024
Input Analog Voltage
* VREFLO
V
REFHI
* VREFLO
Digital Value = 0
Digital Value = 1023
when input
≤ VREFLO
when VREFLO < input < VREFHI
when input
≥ VREFHI
Note:
All fractional values are truncated.
D Multiple triggers as sources for the start-of-conversion (SOC) sequence
−
S/W − software immediate start
−
EVA − Event manager A (multiple event sources within EVA)
−
EVB − Event manager B (multiple event sources within EVB)
−
Ext − External pin (ADCSOC)
D Flexible interrupt control allows interrupt request on every end-of-sequence (EOS) or every other EOS
D Sequencer can operate in “start/stop” mode, allowing multiple “time-sequenced triggers” to synchronize
conversions
D EVA and EVB triggers can operate independently in dual-sequencer mode
D Sample-and-hold (S/H) acquisition time window has separate prescale control
NOTE: The calibration and self-test features are not present in 240xA devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com