Electronic Components Datasheet Search
  English  ▼

X  

MIC2142 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2142
Description  Micropower Boost Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2142 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2142 Datasheet HTML 9Page - Micrel Semiconductor MIC2142 Datasheet HTML 10Page - Micrel Semiconductor MIC2142 Datasheet HTML 11Page - Micrel Semiconductor MIC2142 Datasheet HTML 12Page - Micrel Semiconductor MIC2142 Datasheet HTML 13Page - Micrel Semiconductor MIC2142 Datasheet HTML 14Page - Micrel Semiconductor MIC2142 Datasheet HTML 15Page - Micrel Semiconductor MIC2142 Datasheet HTML 16Page - Micrel Semiconductor MIC2142 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
December 2000
13
MIC2142
MIC2142
Micrel
Inductor Selection Guides
1
10
100
1000
02468
10
12
14
16
18
20
22
OUTPUT VOLTAGE (V)
12
µH
15
µH
10
µH
220
µH
180
µH
120
µH
100
µH
82
µH
68
µH
56
µH
47
µH
39
µH
33
µH
22
µH
18
µH
V
IN = 2.5V
150
µ
H
Figure 7. Inductor Selection for V
IN = 2.5V
1
10
100
1000
0
2
4
6
8
1012
1416
1820
2224
OUTPUT VOLTAGE (V)
12
µH
15
µH
27
µH
220
µH
180
µH
120
µH
100
µH
82
µH
68
µH
56
µH
47
µH
39
µH
33
µH
22
µH
18
µH
V
IN = 3.0V
150
µH
Figure 8. Inductor Selection for V
IN = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com