Electronic Components Datasheet Search
  English  ▼

X  

TMP320LC2402AVFS Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP320LC2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LC2402AVFS Datasheet(HTML) 3 Page - Texas Instruments

  TMP320LC2402AVFS Datasheet HTML 1Page - Texas Instruments TMP320LC2402AVFS Datasheet HTML 2Page - Texas Instruments TMP320LC2402AVFS Datasheet HTML 3Page - Texas Instruments TMP320LC2402AVFS Datasheet HTML 4Page - Texas Instruments TMP320LC2402AVFS Datasheet HTML 5Page - Texas Instruments TMP320LC2402AVFS Datasheet HTML 6Page - Texas Instruments TMP320LC2402AVFS Datasheet HTML 7Page - Texas Instruments TMP320LC2402AVFS Datasheet HTML 8Page - Texas Instruments TMP320LC2402AVFS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
REVISION HISTORY
PAGE
HIGHLIGHTS
1
Deleted C240 from the second bullet on the features page
16
Modified description of the signal TRST in Table 2
27
Modified the Program section of the memory map in Figure 7
58
Changed the text under external reference crystal clock option
71
Modified Note 2 in the absolute maximum ratings table
71
Added the RS signal to Group 1 in the notes on the recommended operating conditions table
77
Changed the maximum logic−low level of 0.8 to 0.4 V in the signal transition levels section
110
Added LC2403A device to Table 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com