Electronic Components Datasheet Search
  English  ▼

X  

AXGX75 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXGX75
Description  Gated High Stability Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXGX75 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXGX75 Datasheet HTML 1Page - Advanced XTAL Products AXGX75 Datasheet HTML 2Page - Advanced XTAL Products AXGX75 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXGX75 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXGX75
Rev.: 2
Date: 2014-06-20
Oscillator type:
Gated High Stability Crystal Oscillator
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
950
1532
MHz
Standard frequencies
1030.000 / 1090.000
MHz
Frequency stability
Initial tolerance at delivery
±10
ppm
@ +25°C
vs. operating temperature range
±30
ppm
Long term (aging) per year
±5
ppm
Gate function (optional)
Option 1
Low level input voltage VGL
0
1.5
V
High level input voltage VGH
3.5
5.0
5.5
V
Input resistance
10
kΩ
Input capacitance
5
10
pF
Turn-on time
30
40
ns
Turn-off time
10
30
ns
RF output
Signal waveform
Sine wave
Load RL
50
Ω
Output level Gate ON
+10
+12
dBm
@ VGATE > +3.5 V
Output level Gate OFF
-50
dBm
@ VGATE < +1.5 V
Sub-harmonics (multiples of fOUT/10)
-40
-30
dBc
(Note 2)
Harmonics
-40
-30
dBc
Supply voltage VS
11.4
12.0
12.6
V
Current consumption
Gate ON
Gate OFF
42
7
50
15
mA
mA
@ VGATE > +3.5 V
@ VGATE < +1.5 V
Operating temperature range
-40
+70
°C
Enclosure (see drawing) (LxWxH)
25.8x25.8x12.7 max.
mm
IEC 60679-3 CO 43
Weight
20
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Depending on frequency multiplication factor may be higher than 10
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Gate Voltage VGATE
-0.5
7.0
V
VGATE to GND
Storage Temperature
-55
+125
°C
Ordering Code
Model
Option 1
[Gate Function]
Revision
Frequency [MHz]
AXGX75
G = With Gate function
Blank = No Gate function
Rev.2
1030.000
Example: AXGX75G_Rev.2 – 1030.000 MHz


Similar Part No. - AXGX75

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXGX90 AXTAL-AXGX90 Datasheet
103Kb / 3P
Gated High Stability Crystal Oscillator
2014-06-20
More results

Similar Description - AXGX75

ManufacturerPart #DatasheetDescription
logo
Epson Company
HG-8002JA EPSON-HG-8002JA Datasheet
66Kb / 1P
PROGRAMMABLE HIGH-STABILITY HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson ToYoCom
TCO-3100 EPSONTOYOCOM-TCO-3100 Datasheet
311Kb / 2P
CRYSTAL OSCILLATOR HIGH-STABILITY
logo
Vanlong Technology Co.,...
PO303 VANLONG-PO303 Datasheet
36Kb / 1P
High Stability Second-Package Crystal Oscillator
PO303 VANLONG-PO303_13 Datasheet
44Kb / 1P
High Stability Crystal Oscillator
logo
STATEK CORPORATION
CXOMK STATEK-CXOMK Datasheet
298Kb / 2P
High Stability, High Shock Crystal Oscillator
logo
Vectron International, ...
OX-070 VECTRON-OX-070 Datasheet
738Kb / 6P
High Stability Oven Controlled Crystal Oscillator
OX-171 VECTRON-OX-171 Datasheet
793Kb / 6P
High Stability Oven Controlled Crystal Oscillator
logo
Advanced XTAL Products
AXGX90 AXTAL-AXGX90 Datasheet
103Kb / 3P
Gated High Stability Crystal Oscillator
2014-06-20
logo
TAITIEN ELECTRONICS CO....
XO-0130-OX-A-OX-B TAITIEN-XO-0130-OX-A-OX-B Datasheet
705Kb / 1P
Enhanced Stability Crystal Oscillator
logo
Epson Company
TG3225CEN EPSON-TG3225CEN Datasheet
1Mb / 13P
High stability temperature compensated crystal oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com