Electronic Components Datasheet Search
  English  ▼

X  

AXIOM15 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM15
Description  High Stability SMD OCXO with Sine Wave Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM15 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM15 Datasheet HTML 1Page - Advanced XTAL Products AXIOM15 Datasheet HTML 2Page - Advanced XTAL Products AXIOM15 Datasheet HTML 3Page - Advanced XTAL Products AXIOM15 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM15 Rev.5
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM15
Rev.: 5
Date: 2014-04-18
Oscillator type:
High Stability SMD OCXO with Sine Wave Output
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
10
125
MHz
Standard frequencies
10.000/40.000/100.000
MHz
Frequency stability
Initial tolerance @ +25°C
±300
ppb
VC @ VREF/2
vs. operating temperature range
Option 2 & 3
See tables 1 & 2
steady state
vs. supply voltage variation (pushing)
±10
ppb
VS ±5%
vs. load change (pulling)
±10
ppb
RL ±10%
Long term (aging) per day
(after 30 days operation) (Note 2)
±10
±2
ppb
ppb
AT-Cut
SC-Cut
Long term (aging) 1
st year
(after 30 days operation) (Note 2)
±300
±50
±500
±200
ppb
ppb
AT-Cut
SC-Cut
Frequency adjustment range
Electronic Frequency Control (EFC)
±2
±0.8
±5
ppm
ppm
AT-Cut
SC-Cut
EFC voltage VC
0
VREF/2
VREF
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±10%
Output level
+3
dBm
Harmonics
-25
dBc
Warm-up time @ +25°C
3
5
min
∆ffinal/f0 < ±0.1 ppm
Phase Noise
Consult factory
Reference voltage VREF output (Note 3)
3.0
4.0
5.0
V
V
V
Option 1 = “33”
Option 1 = “50”
Option 1 = “12”
Supply voltage VS
3.15
4.75
11.4
3.3
5.0
12.0
3.45
5.25
12.6
V
V
V
Option 1 = “33”
Option 1 = “50”
Option 1 = “12”
Current consumption (steady state)
@ +25°C (Note 4)
300
200
100
mA
mA
mA
Option 1 = “33”
Option 1 = “50”
Option 1 = “12”
Current consumption (warm-up)
(Note 4)
800
600
300
mA
mA
mA
Option 1 = “33”
Option 1 = “50”
Option 1 = “12”
Enclosure (see drawing) (LxWxH)
(Note 5)
25.6x22.2x14 max.
mm
IEC 60679-3 CO 28
Weight
15
g
Packing
Tape & Reel
IEC 60286-3
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Lower aging on request
3.
Other reference voltages on request
4.
May be higher for wide operating temperature range
5.
Lower height H on request


Similar Part No. - AXIOM15

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM15-23 AXTAL-AXIOM15-23 Datasheet
101Kb / 3P
Low Phase Noise SMD OCXO with Sine Wave Output
2014-07-09
AXIOM15LN AXTAL-AXIOM15LN Datasheet
119Kb / 4P
Low Phase Noise Miniature OCXO with Sine Wave Output
2016-10-31
AXIOM15ULN AXTAL-AXIOM15ULN Datasheet
120Kb / 4P
Ultra Low Phase Noise Miniature OCXO with Sine Wave Output
2016-10-31
More results

Similar Description - AXIOM15

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
OCO-SMAS QUARTZCOM-OCO-SMAS Datasheet
90Kb / 1P
SMD OCXO Sine wave High frequency stability vs. temperature
OCO-SMBS QUARTZCOM-OCO-SMBS Datasheet
92Kb / 1P
SMD OCXO Sine wave High frequency stability vs. temperature
logo
Advanced XTAL Products
AXIOM175 AXTAL-AXIOM175 Datasheet
120Kb / 4P
High Stability SMD OCXO with Sine Wave Output
AXIOM15-23 AXTAL-AXIOM15-23 Datasheet
101Kb / 3P
Low Phase Noise SMD OCXO with Sine Wave Output
2014-07-09
AXIOM45-23 AXTAL-AXIOM45-23 Datasheet
102Kb / 2P
OCXO High stability, Sine Wave Output
AXIOM125 AXTAL-AXIOM125 Datasheet
132Kb / 4P
SMD OCXO with Sine Wave Output
logo
Golledge Electronics Lt...
HCD350 GOLLEDGE-HCD350_18 Datasheet
559Kb / 4P
5V Tight Stability OCXO with Sine Output
HCD360 GOLLEDGE-HCD360_18 Datasheet
556Kb / 4P
12V Tight Stability OCXO with Sine Output
SCOCXOVS GOLLEDGE-SCOCXOVS_18 Datasheet
556Kb / 5P
5V Tight Stability OCXO with Sine Output
logo
Advanced XTAL Products
AXIOM75ULA AXTAL-AXIOM75ULA Datasheet
112Kb / 4P
Ultra-High Stability OCXO with Sine Wave Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com