Electronic Components Datasheet Search
  English  ▼

X  

AXIS135M Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIS135M
Description  VCXO in DIL8 package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS135M Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIS135M Datasheet HTML 1Page - Advanced XTAL Products AXIS135M Datasheet HTML 2Page - Advanced XTAL Products AXIS135M Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXIS135M Rev.1
ww.axtal.com
Roemerring 9
Drawing D1
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIS135M
Rev.: 1
Date: 2014-04-05
Oscillator type:
VCXO in DIL8 package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
10
1
50
150
MHz
MHz
Sine wave
HCMOS
Frequency stability
ppm
Overall stability
ppm
vs. operating temperature range
±10 to ±100
See tables 1 & 2
ppm
Option 3 & 4
Long term (aging) per year
± 3
ppm
Frequency adjustment range
Electronic Frequency Control (EFC)
±50
±100
±150
ppm
ppm
ppm
Option 5 = “5”
Option 5 = “10”
Option 5 = “15”
EFC voltage VC
0.15
0
1.65
2.5
3.15
5
V
V
Option 1 = “3”
Option 1 = “5”
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
HCMOS
Option 2 = “S”
Option 2 = “H”
Load
50 Ω
15 pF
Option 2 = “S”
Option 2 = “H”
0
+10
dBm
dBm
Option 2 = “S” / 3.3 V
Option 2 = “S” / 5.0 V
Amplitude
According to relevant Logic Standard
Option 2 = “H”
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
V
Option 1 = “3”
Option 1 = “5”
Current consumption (Note 2)
15 ~ 70
15 ~ 100
mA
mA
Option 2 = “S”
Option 2 = “H”
Enclosure (see drawing) (LxWxH)
12.7x12.7x5.1 max.
mm
IEC 60679-3 CO 21
Weight
4
g
Packing
Tube or Pallet
IEC 60286-3
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Depending on frequency and supply voltage
3.
All combinations of options might not be available. Please consult factory
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
6
V
VC to GND
Storage Temperature
-55
+105
°C


Similar Part No. - AXIS135M

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS10 AXTAL-AXIS10 Datasheet
55Kb / 2P
SMD VCXO in CO 26 package
2005-06-10
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS1000 AXTAL-AXIS1000 Datasheet
103Kb / 3P
UHF Low Phase Noise VCXO in connectorized package
AXIS10LN AXTAL-AXIS10LN Datasheet
105Kb / 4P
Low Phase Noise SMD VCXO with HCMOS Output
AXIS145 AXTAL-AXIS145 Datasheet
53Kb / 2P
VCXO
2008-05-31
More results

Similar Description - AXIS135M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQEXO-3 ETC1-IQEXO-3 Datasheet
31Kb / 2P
Crystal oscillator module,16MHz DIL8
logo
Advanced XTAL Products
AXIS10 AXTAL-AXIS10 Datasheet
55Kb / 2P
SMD VCXO in CO 26 package
2005-06-10
AXE135M AXTAL-AXE135M Datasheet
140Kb / 3P
Crystal Oscillator (SPXO) in DIL8 package
AXIOM37-8 AXTAL-AXIOM37-8 Datasheet
102Kb / 4P
Low Power Miniature OCXO in DIL8 package
logo
Golledge Electronics Lt...
GVXO-41H GOLLEDGE-GVXO-41H Datasheet
547Kb / 4P
5V VCXO in half size 8 pin DIL package
GVXO-32L GOLLEDGE-GVXO-32L Datasheet
572Kb / 4P
High Frequency 3.3V VCXO in telecoms package style
logo
Advanced XTAL Products
AXIS90 AXTAL-AXIS90 Datasheet
103Kb / 3P
Wide-pull VHF/UHF VCXO in connectorized package
AXIS1000 AXTAL-AXIS1000 Datasheet
103Kb / 3P
UHF Low Phase Noise VCXO in connectorized package
logo
Suzhou HangJing Electro...
VC32D6 HANGJING-VC32D6 Datasheet
311Kb / 1P
VCXO UNIT WITH LVDS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL PACKAGE.
VC75D6 HANGJING-VC75D6 Datasheet
307Kb / 1P
VCXO UNIT WITH LVDS OUTPUT IN SMD 7.0X5.0MM CERAMIC SEAM SEAL PACKAGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com