Electronic Components Datasheet Search
  English  ▼

X  

MIC2145BML Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2145BML
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145BML Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2145BML Datasheet HTML 7Page - Micrel Semiconductor MIC2145BML Datasheet HTML 8Page - Micrel Semiconductor MIC2145BML Datasheet HTML 9Page - Micrel Semiconductor MIC2145BML Datasheet HTML 10Page - Micrel Semiconductor MIC2145BML Datasheet HTML 11Page - Micrel Semiconductor MIC2145BML Datasheet HTML 12Page - Micrel Semiconductor MIC2145BML Datasheet HTML 13Page - Micrel Semiconductor MIC2145BML Datasheet HTML 14Page - Micrel Semiconductor MIC2145BML Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MIC2145
Micrel
MIC2145
14
May 2003
L1
10 H
Sumida
CR32-100
MIC2145
D1
On Semiconductor
MBR0530T1
RSET
EN
PGND
SW
R4
1M
R3
78.7k
C3
100pF
VOUT
15.0V
LED1
R
LED2 LED3 LED4
VDD
FB
SGND
R1
100k
JP1
VIN
3.0V-5.0V
SS
C2
0.01 F
C1
10 F/6.3V
Murata
GRM42-6 X5R 106K 6.3
R2
10k
C4
10 F/16V
Murata
GRM42-2 X5R 106K 16
V
N
I
V
T
U
O
d
a
o
Le
g
a
t
l
o
V
e
l
p
p
i
Ry
c
n
e
i
c
i
f
f
E
VV
A
m)
k
a
e
p
-
k
a
e
p
(
V
m%
6
.
30
.
5
10
40
0
1
<5
8
60
65
70
75
80
85
90
1
10
100
OUTPUT CURRENT (mA)
15V Output
Efficiency
V
IN = 3.6V
Figure 10. Series White LED Driver Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com