Electronic Components Datasheet Search
  English  ▼

X  

AXLE114 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE114
Description  SMD (VC)TCXO in 11.4x9.6 mm gull wing package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE114 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE114 Datasheet HTML 1Page - Advanced XTAL Products AXLE114 Datasheet HTML 2Page - Advanced XTAL Products AXLE114 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXLE114 Rev.1
ww.axtal.com
Roemerring 9
Drawing D2
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE114
Rev.: 1
Date: 2014-04-06
Oscillator type:
SMD (VC)TCXO in 11.4x9.6 mm gull wing package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
10
10
1.25
50
50
50
MHz
MHz
MHz
Clipped Sine wave
Sine wave
HCMOS
Frequency stability
ppm
vs. operating temperature range
±0.5 to ±5
See tables 1 & 2
ppm
Option 4 & 5
vs. supply voltage variation
±0.1
±0.3
ppm
VS ±5 %
vs. load change
±0.2
ppm
Load ±10 %
Long term (aging) per year
±1
ppm
@+40°C
Frequency adjustment range
Mechanical (internal trimmer)
± 3
ppm
Option 1 = blank
Electronic Frequency Control (EFC)
± 5
ppm
Option 1 = “V”
EFC voltage VC
0.15
0.5
1.65
2.5
3.15
4.5
V
V
Option 2 = “3”
Option 2 = “5”
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Clipped Sine wave
Sine wave
HCMOS
Option 3 = “C”
Option 3 = “S”
Option 3 = “H”
Load
10 kΩ || 10 pF
50 Ω
15 pF
Option 3 = “C”
Option 3 = “S”
Option 3 = “H”
0.8
1.0
V p-p
V p-p
Option 3 = “C” / 3.3 V
Option 3 = “C” / 5.0 V
0
+10
dBm
dBm
Option 3 = “S” / 3.3 V
Option 3 = “S” / 5.0 V
Amplitude
According to relevant Logic Standard
Option 3 = “H”
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
V
Option 2 = “3”
Option 2 = “5”
Current consumption
(Note 2)
2 ~ 10
12 ~ 30
15 ~ 40
mA
mA
mA
Option 3 = “C”
Option 3 = “S”
Option 3 = “H”
Enclosure (see drawing) (LxWxH)
11.7x9.9x4.3 max.
mm
Weight
2
g
Packing
Tape & Reel
IEC 60286-3
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Depending on frequency and supply voltage
3.
All combinations of options might not be available. Please consult factory


Similar Part No. - AXLE114

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE113A AXTAL-AXLE113A Datasheet
106Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm package
2014-04-06
More results

Similar Description - AXLE114

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
VC-TXO-23SM ECS-VC-TXO-23SM Datasheet
192Kb / 2P
SMD VC-TCXO
logo
Advanced XTAL Products
AXLE113A AXTAL-AXLE113A Datasheet
106Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm package
2014-04-06
AXLE145 AXTAL-AXLE145 Datasheet
147Kb / 4P
SMD (VC)TCXO in CO 26 or CO27 package
AXLE184B AXTAL-AXLE184B Datasheet
119Kb / 4P
SMD (VC)TCXO in gull wing package
AXLE195 AXTAL-AXLE195 Datasheet
103Kb / 4P
SMD (VC)TCXO in 19.8x12.5 mm package
AXLE195A AXTAL-AXLE195A Datasheet
114Kb / 3P
SMD (VC)TCXO in 19.8x12.5 mm package
2014-09-12
AXLE207M AXTAL-AXLE207M Datasheet
113Kb / 4P
(VC)TCXO in DIL14 package
2014-04-06
AXLE7050A AXTAL-AXLE7050A Datasheet
201Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE7050B AXTAL-AXLE7050B Datasheet
158Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE195B AXTAL-AXLE195B Datasheet
188Kb / 4P
SMD (VC)TCXO in 18.8x12.2 mm low profile package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com