Electronic Components Datasheet Search
  English  ▼

X  

AXLE184B Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE184B
Description  SMD (VC)TCXO in gull wing package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE184B Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE184B Datasheet HTML 1Page - Advanced XTAL Products AXLE184B Datasheet HTML 2Page - Advanced XTAL Products AXLE184B Datasheet HTML 3Page - Advanced XTAL Products AXLE184B Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXLE184B Rev.2
ww.axtal.com
Roemerring 9
Drawing D2
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE184B
Rev.: 2
Date: 2014-04-06
Oscillator type:
SMD (VC)TCXO in gull wing package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
6
6
1
190
190
800
MHz
MHz
MHz
Clipped Sine wave
Sine wave
HCMOS, PECL, LVDS
Frequency stability
ppm
vs. operating temperature range
±0.5 to ±5
See tables 1 & 2
ppm
Option 4 & 5
vs. supply voltage variation
±0.1
±0.3
ppm
VS ±5 %
vs. load change
±0.2
ppm
Load ±10 %
Long term (aging) per year
±1
ppm
@+40°C
Frequency adjustment range
Mechanical (internal trimmer)
±3
ppm
Option 1 = blank
Electronic Frequency Control (EFC)
±5
ppm
Option 1 = “V”
EFC voltage VC
0.15
0.5
1.65
2.5
3.15
4.5
V
V
Option 2 = “3”
Option 2 = “5”
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Clipped Sine wave
Sine wave
HCMOS
PECL
LVDS
Option 3 = “C”
Option 3 = “S”
Option 3 = “H”
Option 3 = “P”
Option 3 = “L”
Load
10 kΩ || 10 pF
50 Ω
15 pF
50 Ω + Bias
Option 3 = “C”
Option 3 = “S”
Option 3 = “H”
Option 3 = “P” or “L”
0.8
1.0
V p-p
V p-p
Option 3 = “C” / 3.3 V
Option 3 = “C” / 5.0 V
0
+10
dBm
dBm
Option 3 = “S” / 3.3 V
Option 3 = “S” / 5.0 V
Amplitude
According to relevant Logic Standard
Option 3 = “H”, “P”, “L”
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
V
Option 2 = “3”
Option 2 = “5”
Current consumption
(Note 2)
2 ~ 30
12 ~ 30
15 ~ 50
25 ~ 100
mA
mA
mA
mA
Option 3 = “C”
Option 3 = “S”
Option 3 = “H”
Option 3 = “P” or “L”
Enclosure (see drawing) (LxWxH)
18.6x12.0x7.3 max.
mm
Pin compatible to CO 02
Weight
5
g
Packing
Tape & Reel
IEC 60286-3
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Depending on frequency and supply voltage
3.
All combinations of options might not be available. Please consult factory


Similar Part No. - AXLE184B

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE184 AXTAL-AXLE184 Datasheet
57Kb / 2P
TCXO
2008-05-05
More results

Similar Description - AXLE184B

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
VC-TXO-23SM ECS-VC-TXO-23SM Datasheet
192Kb / 2P
SMD VC-TCXO
logo
Advanced XTAL Products
AXLE113A AXTAL-AXLE113A Datasheet
106Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm package
2014-04-06
AXLE114 AXTAL-AXLE114 Datasheet
108Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm gull wing package
2014-04-06
AXLE145 AXTAL-AXLE145 Datasheet
147Kb / 4P
SMD (VC)TCXO in CO 26 or CO27 package
AXLE195 AXTAL-AXLE195 Datasheet
103Kb / 4P
SMD (VC)TCXO in 19.8x12.5 mm package
AXLE195A AXTAL-AXLE195A Datasheet
114Kb / 3P
SMD (VC)TCXO in 19.8x12.5 mm package
2014-09-12
AXLE207M AXTAL-AXLE207M Datasheet
113Kb / 4P
(VC)TCXO in DIL14 package
2014-04-06
AXLE7050A AXTAL-AXLE7050A Datasheet
201Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE7050B AXTAL-AXLE7050B Datasheet
158Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE195B AXTAL-AXLE195B Datasheet
188Kb / 4P
SMD (VC)TCXO in 18.8x12.2 mm low profile package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com