Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2402AVFS Datasheet(PDF) 93 Page - Texas Instruments

Part # TMS320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2402AVFS Datasheet(HTML) 93 Page - Texas Instruments

Back Button TMS320LF2402AVFS Datasheet HTML 89Page - Texas Instruments TMS320LF2402AVFS Datasheet HTML 90Page - Texas Instruments TMS320LF2402AVFS Datasheet HTML 91Page - Texas Instruments TMS320LF2402AVFS Datasheet HTML 92Page - Texas Instruments TMS320LF2402AVFS Datasheet HTML 93Page - Texas Instruments TMS320LF2402AVFS Datasheet HTML 94Page - Texas Instruments TMS320LF2402AVFS Datasheet HTML 95Page - Texas Instruments TMS320LF2402AVFS Datasheet HTML 96Page - Texas Instruments TMS320LF2402AVFS Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 134 page
background image
SPI master mode external timing parameters (clock phase = 1)†‡ (see Figure 42)
NO.
SPI WHEN (SPIBRR + 1) IS EVEN
OR SPIBRR = 0 OR 2
SPI WHEN (SPIBRR + 1)
IS ODD AND SPIBRR > 3
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tc(SPC)M
Cycle time, SPICLK
4tc(CO)
128tc(CO)
5tc(CO)
127tc(CO)
ns
2§
tw(SPCH)M
Pulse duration, SPICLK high
(clock polarity = 0)
0.5tc(SPC)M−10
0.5tc(SPC)M
0.5tc(SPC)M−0.5tc(CO)−10
0.5tc(SPC)M −0.5tc(CO)
ns
2§
tw(SPCL)M
Pulse duration, SPICLK low
(clock polarity = 1)
0.5tc(SPC)M−10
0.5tc(SPC)M
0.5tc(SPC)M−0.5tc(CO)−10
0.5tc(SPC)M −0.5tc(CO)
ns
3§
tw(SPCL)M
Pulse duration, SPICLK low
(clock polarity = 0)
0.5tc(SPC)M−10
0.5tc(SPC)M
0.5tc(SPC)M+0.5tc(CO)−10
0.5tc(SPC)M + 0.5tc(CO)
ns
3§
tw(SPCH)M
Pulse duration, SPICLK high
(clock polarity = 1)
0.5tc(SPC)M−10
0.5tc(SPC)M
0.5tc(SPC)M+0.5tc(CO)−10
0.5tc(SPC)M + 0.5tc(CO)
ns
6§
tsu(SIMO-SPCH)M
Setup time, SPISIMO data
valid before SPICLK high
(clock polarity = 0)
0.5tc(SPC)M−10
0.5tc(SPC)M −10
ns
6§
tsu(SIMO-SPCL)M
Setup time, SPISIMO data
valid before SPICLK low
(clock polarity = 1)
0.5tc(SPC)M−10
0.5tc(SPC)M −10
ns
7§
tv(SPCH-SIMO)M
Valid time, SPISIMO data
valid after SPICLK high
(clock polarity =0)
0.5tc(SPC)M−10
0.5tc(SPC)M −10
ns
7§
tv(SPCL-SIMO)M
Valid time, SPISIMO data
valid after SPICLK low
(clock polarity =1)
0.5tc(SPC)M−10
0.5tc(SPC)M −10
ns
10§
tsu(SOMI-SPCH)M
Setup time, SPISOMI before
SPICLK high
(clock polarity = 0)
0
0
ns
10§
tsu(SOMI-SPCL)M
Setup time, SPISOMI before
SPICLK low
(clock polarity = 1)
0
0
ns
11§
tv(SPCH-SOMI)M
Valid time, SPISOMI data
valid after SPICLK high
(clock polarity = 0)
0.25tc(SPC)M−10
0.5tc(SPC)M−10
ns
11§
tv(SPCL-SOMI)M
Valid time, SPISOMI data
valid after SPICLK low
(clock polarity = 1)
0.25tc(SPC)M−10
0.5tc(SPC)M−10
ns
† The MASTER/SLAVE bit (SPICTL.2) is set and the CLOCK PHASE bit (SPICTL.3) is set.
‡ tc = system clock cycle time = 1/CLKOUT = tc(CO)
§ The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPICCR.6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com