Electronic Components Datasheet Search
  English  ▼

X  

AXIOM75LG Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM75LG
Description  Ultra-Low Phase Noise OCXO with Low G-Sensitivity
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75LG Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM75LG Datasheet HTML 1Page - Advanced XTAL Products AXIOM75LG Datasheet HTML 2Page - Advanced XTAL Products AXIOM75LG Datasheet HTML 3Page - Advanced XTAL Products AXIOM75LG Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM75LG Rev.1
www.axtal.com
Roemerring 9
Drawing D1
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM75LG
Rev.: 1
Date: 2016-09-09
Oscillator type:
Ultra-Low Phase Noise OCXO with Low G-Sensitivity
Parameter
min.
typ.
max.
Unit
Condition
Frequency Range
80
125
MHz
Standard frequencies
100.000/120.000
MHz
Frequency stability
Initial tolerance @ +25°C
±300
ppb
VC @ VREF/2
vs. operating temperature range
Option 2 & 3
See tables 2 & 3
steady state
vs. supply voltage variation (pushing)
±10
ppb
VS ±5%
vs. load change (pulling)
±5
ppb
RL ±5%
Long term (aging) per day
±1
±2
ppb
after 30 days operation
Long term (aging) 1
st year
±100
±200
ppb
after 30 days operation
Frequency adjustment range
Electronic Frequency Control (EFC)
±1
±2
ppm
EFC voltage VC
0
VREF/2
VREF
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level (Note 2)
+7
dBm
Harmonics
-30
dBc
Spurious
-90
dBc
Warm-up time
3
5
min
∆ffinal/f0 < ±0.1 ppm
Phase noise @ 100 MHz (Note 3)
-100
-130
-160
-170
-175
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
@ ≥100 kHz
G-Sensitivity (Note 4)
See table 1
Option 1
Reference voltage VREF output (Note 5)
10.0
V
Supply voltage VS (Note 5)
11.4
12.0
12.6
V
Current consumption (steady state)
150
mA
@ +25°C (Note 6)
Current consumption (warm-up)
350
mA
(Note 6)
Enclosure (see drawing) (LxWxH)
25.8x25.8x12.7 max.
mm
IEC 60679-3 CO 43
Weight
20
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other output level on request
3.
For other frequencies please consult factory
4.
Measured with flat random vibration profile (0.01 g²/Hz, 20 Hz ~ 2000 Hz)
5.
Other supply and reference voltage on request
6.
May be higher for wide operating temperature range


Similar Part No. - AXIOM75LG

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM75 AXTAL-AXIOM75 Datasheet
65Kb / 2P
OCXO with Sine Wave Output, Low Phase Noise
2007-05-14
AXIOM75-11 AXTAL-AXIOM75-11 Datasheet
93Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75RH AXTAL-AXIOM75RH Datasheet
328Kb / 16P
Ultra-Low Phase Noise Miniature-OCXO for Space Application Standard frequencies 10 MHz and 100 MHz
More results

Similar Description - AXIOM75LG

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
OCO-M3AGS QUARTZCOM-OCO-M3AGS Datasheet
146Kb / 1P
Low G-sensitivity OCXO Sine wave Low phase noise optional
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
Ultra‐Low Phase Noise OCXO
logo
QUARTZCOM the communica...
OCO-M36AGS QUARTZCOM-OCO-M36AGS Datasheet
146Kb / 1P
Low G-sensitivity OCXO Sine wave Low phase noise optional
logo
Advanced XTAL Products
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
Ultra-Low Phase Noise OCXO
2016-04-15
AXPLO2700 AXTAL-AXPLO2700 Datasheet
207Kb / 4P
Phase-Locked Ultra-Low Phase Noise OCXO (PLOCXO)
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
Ultra-Low Phase Noise OCXO
07.21.15
logo
TAITIEN ELECTRONICS CO....
NA-10M-6800 TAITIEN-NA-10M-6800 Datasheet
473Kb / 4P
10MHz Low Noise/Low G-Sensitivity OCXO
NA-100M-6800 TAITIEN-NA-100M-6800 Datasheet
466Kb / 4P
100MHz Low Noise/Low G-Sensitivity OCXO
NA-100M-6900 TAITIEN-NA-100M-6900 Datasheet
558Kb / 4P
100MHz Ultra Low Noise/Low G-Sensitivity OCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com