Electronic Components Datasheet Search
  English  ▼

X  

MIC2551 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2551
Description  USB TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2551 Datasheet HTML 1Page - Micrel Semiconductor MIC2551 Datasheet HTML 2Page - Micrel Semiconductor MIC2551 Datasheet HTML 3Page - Micrel Semiconductor MIC2551 Datasheet HTML 4Page - Micrel Semiconductor MIC2551 Datasheet HTML 5Page - Micrel Semiconductor MIC2551 Datasheet HTML 6Page - Micrel Semiconductor MIC2551 Datasheet HTML 7Page - Micrel Semiconductor MIC2551 Datasheet HTML 8Page - Micrel Semiconductor MIC2551 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC2551A
Micrel
M9999-051004
4
May 2004
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
BUS) ................................................. 6.5V
All Other Inputs ............................................. –0.5V to 5.5V
Ambient Storage Temperature ................. –65
°C to +150°C
Output Current (D+, D–) ..........................................
± 50mA
Output Current (all others) .......................................
±15mA
Input Current ............................................................
±50mA
ESD, Note 3
V
BUS, D+, D– ........................................................ ±11KV
All other pins ..........................................................
±2KV
Operating Ratings (Note 2)
Supply Voltage (V
BUS) ................................. 4.0V to 5.25V
Ambient Operating Temperature ................ –40
°C to +85°C
Package Thermal Resistance
TSSOP (
θ
JA) .................................................. 100(°C/W)
MLF (
θ
JA) ......................................................... 59(°C/W)
DC Electrical Characteristics (System and USB Interface) (Note 7)
V
IF = 3.6V, VBUS = 5V unless otherwise noted; TA = 25°C. bold indicates specifications over temperature, –40°C to 85°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
BUS
USB Supply Voltage
4.0
5.25
V
V
IF
System I/F Supply Voltage
1.6
3.6
V
V
IL
LOW-Level Input Voltage, Note 4
V
IF – 0.3
0.15V
IF
V
V
IH
HIGH-Level Input Voltage, Note 4
0.85V
IF
V
IF + 0.3
V
V
OH
HIGH-Level Output Voltage, Note 4
I
OH = 20µA
0.9V
IF
V
V
OL
LOW-Level Output Voltage, Note 4
I
OL = 20µA
0.1
V
I
IL
Input Leakage Current, Note 4
–5
5
µA
I
IF
VIF Supply Current
D+, D– are idle, OE# = SUS = 0
5
µA
D+, D– are idle, OE# = 0, SUS = 1
5
µA
D+, D– active, C
LOAD = 50pF,
450
650
µA
SPD = 1, f = 6MHz, Note 5
D+, D– active, C
LOAD = 600pF
50
75
µA
SPD = 0, f = 750kHz, Note 5
I
BUS
VBUS Supply Current
V
BUS = 5.25V, D+, D– are idle
200
500
µA
SUS = 0, OE# = 1, SPD = 1
V
BUS = 5.25V, D+, D– are idle, SPD = 1
3.3
5
mA
SUS = OE# = 0
V
BUS = 5.25V, D+, D– are idle
500
700
µA
SUS = OE# = SPD = 0
V
BUS = 5.25V, D+, D– are idle, OE# = 1
250
350
µA
SUS = SPD = 0
V
BUS = 5.25V, D+, D– active,
7.3
10
mA
C
LOAD = 50pF, SPD = 1
SUS = OE# = 0, f = 6MHz, Note 5
V
BUS = 5.25V, D+, D– active, CLOAD = 600pF
3.6
5
mA
SPD = SUS = OE# = 0, f = 750kHz, Note 5
I
VPULEAK
VPU Leakage Current
CON = 1, V
PU = 0V
–5
5
µA
I
VIFLEAK
VIF Leakage Current
V
IF = 3.6V, VBUS = 0V
–5
5
µA
V
PU
Pull-Up Output Voltage
I
TERM = 200µA, VBUS = 4.0 to 5.25V
3.0
3.3
3.6
V
R
SW
Internal Pull-Up Termination Switch
I
TERM = 10mA, VBUS = 4.0 to 5.25V
10
Ω
ESD Protection
IEC-1000-4-2
Air Discharge
10 pulses
±8kV
(D+, D–,
Contact Discharge
10 pulses
±9kV
V
BUS only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com