Electronic Components Datasheet Search
  English  ▼

X  

AXDO9000 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXDO9000
Description  High Stability Low Noise Rubidium Frequency Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXDO9000 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXDO9000 Datasheet HTML 1Page - Advanced XTAL Products AXDO9000 Datasheet HTML 2Page - Advanced XTAL Products AXDO9000 Datasheet HTML 3Page - Advanced XTAL Products AXDO9000 Datasheet HTML 4Page - Advanced XTAL Products AXDO9000 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXRB9000 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXRB9000
Rev.: 2
Date: 2016-07-18
Oscillator type:
High Stability Low Noise Rubidium Frequency Reference
in 19” rack (2 HU) with up to 3 outputs
Features:
Very High Long-term Frequency Stability 2·10
-10 per year
Short-term Stability (ADEV) 1·10
-12 @ ττττ = 100 sec
Low Phase Noise
Up to 3 isolated outputs for frequency distribution
Slim 19” rack with 2 HU
Cascadable with Frequency Distribution Units AXDA9000
Models:
Item
(D)OCXO
(D)OCXO with integrated
Distribution amplifiers
GPS-disciplined
OCXO
Rubidium
Model
AXIOM9000
AXDO9000
AXGPS9000
AXRB9000
Features
DOCXO option
Ultra-low noise
Very high stability
Can be combined
with AXDA9000 up
to 48 outputs
Stability as AXIOM9000 plus
low noise high isolation
frequency distribution
amplifier with 4 to 16 outputs
Low noise
Stability 10
-11
Distribution option
Excellent long-term
stability
Distribution option
Performance
See separate data sheet
Consult factory
See specification


Similar Part No. - AXDO9000

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXDO9000 AXTAL-AXDO9000 Datasheet
414Kb / 5P
Very High Frequency Stability
2016-07-04
AXDO9000 AXTAL-AXDO9000 Datasheet
479Kb / 5P
Very High Frequency Stability
2016-07-01
More results

Similar Description - AXDO9000

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
OCO-M50BH QUARTZCOM-OCO-M50BH Datasheet
105Kb / 1P
Ultra Low Noise OCXO HCMOS High frequency stability vs. temperature
OCO-M50BS QUARTZCOM-OCO-M50BS Datasheet
105Kb / 1P
Ultra Low Noise OCXO Sine wave High frequency stability vs. temperature
logo
Vectron International, ...
AR-133 VECTRON-AR-133 Datasheet
348Kb / 5P
Rubidium Frequency Standard
AR-133A-03 VECTRON-AR-133A-03 Datasheet
608Kb / 6P
Rubidium Frequency Standard
logo
Linear Technology
LT1027LS8 LINER-LT1027LS8 Datasheet
3Mb / 14P
Precision, Low Noise, High Stability Hermetic Voltage Reference
logo
Advanced XTAL Products
AXRB1003H AXTAL-AXRB1003H Datasheet
212Kb / 4P
Very High Stability Rubidium Oscillator
AXRB1021 AXTAL-AXRB1021 Datasheet
286Kb / 4P
High Stability Rubidium Oscillator
AXRB9000 AXTAL-AXRB9000_18 Datasheet
237Kb / 5P
High Stability Low Noise Rubidium Frequency Reference in 19??rack (2 HU) with up to 3 outputs
logo
TAITIEN ELECTRONICS CO....
XO-0126-X8-TYPE TAITIEN-XO-0126-X8-TYPE Datasheet
194Kb / 1P
High stability, low temperature frequency coefficient
XO-0128-X5-TYPE TAITIEN-XO-0128-X5-TYPE Datasheet
244Kb / 1P
High stability, low temperature frequency coefficient
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com