Electronic Components Datasheet Search
  English  ▼

X  

TUSB211I Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB211I
Description  Qualified for Automotive Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211I Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB211I Datasheet HTML 6Page - Texas Instruments TUSB211I Datasheet HTML 7Page - Texas Instruments TUSB211I Datasheet HTML 8Page - Texas Instruments TUSB211I Datasheet HTML 9Page - Texas Instruments TUSB211I Datasheet HTML 10Page - Texas Instruments TUSB211I Datasheet HTML 11Page - Texas Instruments TUSB211I Datasheet HTML 12Page - Texas Instruments TUSB211I Datasheet HTML 13Page - Texas Instruments TUSB211I Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Time (ns)
0
0.5
1
1.5
2
-0.4
-0.2
0.0
0.2
0.4
Time (ns)
0
0.5
1
1.5
2
-0.4
-0.2
0.0
0.2
0.4
Agilent
16 GHz
Scope
USB-IF SMA Fixture
TUSB211
EVM
B
A
2m USB 3.0 cable
USB Host
A
TEST_PACKET
transmission
10
TUSB211, TUSB211I, TUSB211-Q1
SLLSEO0C – MAY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TUSB211 TUSB211I TUSB211-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.2.2.1.2
For a Device Side Application
1. Configure the TUSB211 to the desired EQ setting
2. Power on (or toggle the RSTN pin if already powered on) the TUSB211
3. Connect a USB host, the USB-IF device-side test fixture, and USB device to the TUSB211. Ensure that the
USB-IF device test fixture is configured to the ‘INIT’ position
4. Allow the host to enumerate the device
5. Enable the device to transmit USB TEST_PACKET
6. Using SMA cables, connect the oscilloscope to the USB-IF device-side test fixture and ensure that the
device-side test fixture is configured to the ‘TEST’ position.
7. Execute the oscilloscope’s USB compliance software.
8. Repeat the above steps in order to re-test TUSB211 with a different EQ setting
8.2.3 Application Curves
Figure 2. Eye Diagram Bench Setup
Figure 3. TUSB211 Disabled
Figure 4. EQ Level 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com