Electronic Components Datasheet Search
  English  ▼

X  

MTCH101 Datasheet(PDF) 1 Page - Microchip Technology

Part # MTCH101
Description  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH101 Datasheet(HTML) 1 Page - Microchip Technology

  MTCH101 Datasheet HTML 1Page - Microchip Technology MTCH101 Datasheet HTML 2Page - Microchip Technology MTCH101 Datasheet HTML 3Page - Microchip Technology MTCH101 Datasheet HTML 4Page - Microchip Technology MTCH101 Datasheet HTML 5Page - Microchip Technology MTCH101 Datasheet HTML 6Page - Microchip Technology MTCH101 Datasheet HTML 7Page - Microchip Technology MTCH101 Datasheet HTML 8Page - Microchip Technology MTCH101 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
 2015-2016 Microchip Technology Inc.
Preliminary
DS40001793C-page 1
MTCH102/5/8
Description
The Microchip mTouch® MTCH102/5/8 Proximity/Touch Controller with simple digital output provides an easy way to
add proximity or touch detection to any application. This device family implements capacitive sensors with active
guarding capability. The sensitivity and power mode can be configured through the MTSA and MTPM pins. The
MTCH102/5/8 devices also use an advanced optimization algorithm to actively suppress noise from the signal to
achieve reliable proximity/touch detection.
Features
• Capacitive Proximity and Touch Detection
System:
- High Signal to Noise Ratio (SNR)
- Adjustable sensitivity with compensation for
different sensor sizes
- Multi-stage active noise suppression filters
- Automatic environmental compensation
- Support wide range of sensor shapes and
sizes
• Simple I/O Interface with Existing System
• Smart Scan Scheduling
• Threshold Hysteresis
• Flexible Low-Power mode
• Brown-Out Protection
• Operating Voltage Range:
- 2.05V to 3.6V
• Operating Temperature:
- 40°C to +85°C
Typical Application
•Light Switch
• Portable Device Enabler
• White Goods and Appliance
• Office Equipment and Toys
• Display and Keypad Back-lighting Activation
TABLE 1:
MTCH10X FAMILY TYPES
Device
Data Sheet Index
Sensor Input
Active Guard
Digital Output
MTCH101
(A)
1
N
1
MTCH102
(B)
2(1)
Y(1)
2
MTCH105
(B)
5(1)
Y(1)
5
MTCH108
(B)
8(1)
Y(1)
8
Note 1:
One of the sensor inputs can be configured as active guard output.
Data Sheet Index:
(Unshaded devices are described in this document.)
A:
DS-40001664
MTCH101 Single-Channel Proximity Detector
B:
DS-40001793
MTCH102/105/108 Dual-Channel Proximity/Touch Controller
Note:
For other small form-factor package availability and marking information, please visit
http://www.microchip.com/packaging
or contact your local sales office.
TABLE 2:
PACKAGES
Packages
MSOP
TSSOP
SSOP
UDFN
QFN
UQFN
MTCH102
X
—
—
X
—
—
MTCH105
—
X
—
—
X
—
MTCH108
—
—
X
—
—
X
2, 5 and 8-Channel Proximity/Touch Controller Data Sheet


Similar Part No. - MTCH101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTCH101 MICROCHIP-MTCH101 Datasheet
511Kb / 20P
Single-Channel Proximity Detector
11/29/12
MTCH101 MICROCHIP-MTCH101 Datasheet
538Kb / 22P
Single-Channel Proximity Detector
2012 10/26/12
MTCH101-I/OT MICROCHIP-MTCH101-I/OT Datasheet
511Kb / 20P
Single-Channel Proximity Detector
11/29/12
MTCH1010 MICROCHIP-MTCH1010 Datasheet
730Kb / 31P
High Signal to Noise Ratio (SNR)
2021
MTCH101T-I/OT MICROCHIP-MTCH101T-I/OT Datasheet
511Kb / 20P
Single-Channel Proximity Detector
11/29/12
More results

Similar Description - MTCH101

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
Low Power, Capacitive Button Touch and Proximity Controller
logo
Microchip Technology
MTCH112 MICROCHIP-MTCH112_12 Datasheet
1Mb / 48P
Dual-Channel Proximity/Touch Controller
2012 11/27/12
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
logo
Microchip Technology
CAP1298 MICROCHIP-CAP1298 Datasheet
849Kb / 68P
8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
07/14/15
logo
List of Unclassifed Man...
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
Single Channel Capacitive Proximity/Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com