Electronic Components Datasheet Search
  English  ▼

X  

MN54ACT2525DMQB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MN54ACT2525DMQB
Description  1-to-8 Minimum Skew Clock Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MN54ACT2525DMQB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MN54ACT2525DMQB Datasheet HTML 1Page - National Semiconductor (TI) MN54ACT2525DMQB Datasheet HTML 2Page - National Semiconductor (TI) MN54ACT2525DMQB Datasheet HTML 3Page - National Semiconductor (TI) MN54ACT2525DMQB Datasheet HTML 4Page - National Semiconductor (TI) MN54ACT2525DMQB Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MN54ACT2525-X REV 2A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC 4.5V to 5.5V, Temperature Range: -55C to 125C.
NOTE: -55C TEMPERATURE, SUBGROUP 3 IS GUARANTEED
BUT NOT TESTED.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
IIH
High Level Input
Current
VCC=5.5V, VIH=5.5V
1, 2 INPUT
0.1
uA
1
1, 2 INPUT
1.0
uA
2, 3
IIL
Low Level Input
Current
VCC=5.5V, VIL=0.0V
1, 2 INPUT
-0.1
uA
1
1, 2 INPUT
-1.0
uA
2, 3
VOL
Low Level Output
Voltage
VCC=4.5V, VIH=2.0V, VIL=0.8V,
IOL=50.0uA
1, 2 OUTPUT
.10
V
1, 2,
3
VCC=5.5V, VIH=2.0V, VIL=0.8V,
IOL=50.0uA
1, 2 OUTPUT
.10
V
1, 2,
3
VCC=4.5V, VIH=2.0V, VIL=0.8V,
IOL=24.0mA
1, 2 OUTPUT
.36
V
1
1, 2 OUTPUT
.50
V
2, 3
VCC=5.5V, VIH=2.0V, VIL=0.8V,
IOL=24.0mA
1, 2 OUTPUT
.36
V
1
1, 2 OUTPUT
.50
V
2, 3
VIOL
Dynamic output
current
Low
VCC=5.5V, IOL=50.0mA, VIL=0.0V,
VIH=5.5V
1,
2, 5
OUTPUT
1.65
V
1, 2,
3
VOH
Low Level Output
Voltage
VCC=5.5V, IOH=-50.0uA, VIL=0.8V,
VIH=2.0V
1, 2 OUTPUT
5.40
V
1, 2,
3
VCC=4.5V, IOH=-50.0uA, VIL=0.8V,
VIH=2.0V
1, 2 OUTPUT
4.40
V
1, 2,
3
VCC=4.5V, IOH=-24.0mA, VIL=0.8V,
VIH=2.0V
1, 2 OUTPUT
3.86
V
1
1, 2 OUTPUT
3.70
V
2, 3
VCC=5.5V, IOH=-24.0mA, VIL=0.8V,
VIH=2.0V
1, 2 OUTPUT
4.86
V
1
1, 2 OUTPUT
4.70
V
2, 3
VIOH
Dynamic output
current
High
VCC=5.5V, IOH=-50.0mA, VIL=0.0V,
VIH=5.5V
1,
2, 5
OUTPUT
3.85
V
1, 2,
3
ICCH
Supply Current
Outputs HIGH
VCC=5.5V, VIH=5.5V
1, 2 VCC
8.0
uA
1
1, 2 VCC
160
uA
2, 3
ICCL
Supply Current
Outputs LOW
VCC=5.5V, VIL=0.0V
1, 2 VCC
8.0
uA
1
1, 2 VCC
160
uA
2, 3
ICCT
Supply Current
per Input
VCC=5.5V, VINH=3.4V
1, 2 VCC
1.0
mA
1
1, 2 VCC
1.6
mA
2, 3
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com