Electronic Components Datasheet Search
  English  ▼

X  

EMC1001 Datasheet(PDF) 4 Page - Microchip Technology

Part # EMC1001
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Datasheet(HTML) 4 Page - Microchip Technology

  EMC1001_15 Datasheet HTML 1Page - Microchip Technology EMC1001_15 Datasheet HTML 2Page - Microchip Technology EMC1001_15 Datasheet HTML 3Page - Microchip Technology EMC1001_15 Datasheet HTML 4Page - Microchip Technology EMC1001_15 Datasheet HTML 5Page - Microchip Technology EMC1001_15 Datasheet HTML 6Page - Microchip Technology EMC1001_15 Datasheet HTML 7Page - Microchip Technology EMC1001_15 Datasheet HTML 8Page - Microchip Technology EMC1001_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
EMC1001
DS20005411A-page 4
 2015 Microchip Technology Inc.
Setup Time Start
TSU:STA
0.6
—
—
µs
Setup Time Stop
TSU:STO
0.6
—
—
µs
Data Hold Time
THD:DAT
0.3
—
—
µs
Data Setup Time
TSU:DAT
100
—
—
ns
Clock Low Period
TLOW
1.3
—
—
µs
Clock High Period
THIGH
0.6
—
—
µs
Clock/Data Fall Time
TF
20 + 0.1Cb
—
300
ns
Clock/Data Rise Time
TR
20 + 0.1Cb
—300(1)
ns
Capacitive Load (each bus
line)
Cb
0.6
—
400
pF
TABLE 1-1:
SMBUS ADDRESS CONFIGURATION INFORMATION
Part Number
ADDR/THERM Pull-up Resistor
SMBus Address
Package Description
EMC1001
7.5 k
 ±5%
(Note 1, Note 2)
100 1000b
6-Lead TSOT
12 k
 ±5% (Note 2)
100 1001b
6-Lead TSOT
20 k
 ±5% (Note 2)
011 1000b
6-Lead TSOT
33 k
 ±5% (Note 2)
011 1001b
6-Lead TSOT
EMC1001-1
7.5 k
 ±5% (Note 1, Note 2)
100 1010b
6-Lead TSOT
12 k
 ±5% (Note 2)
100 1011b
6-Lead TSOT
20 k
 ±5% (Note 2)
011 1010b
6-Lead TSOT
33 k
 ±5% (Note 2)
011 1011b
6-Lead TSOT
Note 1:
This value must be greater than 1 k
 5% and less than or equal to 7.5 k5%
2:
The pull-up resistor must be connected to VDD (pin 1), and the total capacitance on this pin must be less
than 100 pF.
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, VDD = 3.0V to 3.6V, TA= -25°C to +125°C,
Typical values at TA = +27°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
300 ns rise time maximum is required for 400 kHz bus operation. For lower clock frequencies, the
maximum rise time is (0.1/FSMB) + 50 ns.
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, VDD = 3.0V to 3.6V, TA= -25°C to +125°C,
Typical values at TA = +27°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Ambient Temperature Range
TA
-25
—
+125
°C
Storage Temperature Range
TA
-55
—
+150
°C
Maximum Junction Temperature
TJ
-40
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 6L-TSOT
JA
—112
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com