Electronic Components Datasheet Search
  English  ▼

X  

AS2533W Datasheet(PDF) 17 Page - ams AG

Part # AS2533W
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533W Datasheet(HTML) 17 Page - ams AG

Back Button AS2533W Datasheet HTML 13Page - ams AG AS2533W Datasheet HTML 14Page - ams AG AS2533W Datasheet HTML 15Page - ams AG AS2533W Datasheet HTML 16Page - ams AG AS2533W Datasheet HTML 17Page - ams AG AS2533W Datasheet HTML 18Page - ams AG AS2533W Datasheet HTML 19Page - ams AG AS2533W Datasheet HTML 20Page - ams AG AS2533W Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 16 of 25
AC Characteristics (cont´d) (ILINE = 15 mA; f = 800 Hz unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Keyboard
tD
Key Debounce Time
15
ms
HS/DPN Input
tHS-L
Low to High Debounce
Going off-hook
15
ms
tHS-H
High to Low Debounce
Not LD dialing
210
ms
During LD dialing
270
ms
DTMF
F
Frequency deviation
TAMB = 25°C, Note 5
1.2
%
VMF
MF Tone Level (Low group)
MFL = AGND, TAMB = 25°C
- 2.5
- 4
- 5.5
dB
VMF
MF Tone Level (Low group)
MFL Range = VSS … AGND,
TAMB = 25°C
-16…-4
dB
∆VL-H
Preemphasis Low to High
TAMB = 25°C,
1.8
2.4
3.0
dB
VUFC
Unwanted F. Components
300 Hz...5 kHz
- 40
dBm
Note 3; MFL = VSS
5 kHz...14 kHz
- 50
dBm
14 kHz...28.5 kHz
- 70
dBm
28.5 kHz...40 kHz
- 80
dBm
tTD
Tone Duration
Note 1&6; Mode=row 6 or 7
80
82.3
85
ms
tITP
Inter Tone Pause
Note1; Mode=row 6
80
82.3
85
ms
tITP
Inter Tone Pause
Note 1 & 6; Mode=row 7
150
165
170
ms
tTR
Tone Rise Time
Note 2
5
ms
tTF
Tone Fall Time
Note 2
5
ms
LD
tDR
Dial Rate
Mode = row 1, 2 or 5
9.53
10
10.5
pps
Mode = row 3 or 4
19.05
20
21
pps
t/B
Break Period
Mode = row 2
57
61.2
63
ms
t/B
Break Period
Mode = row 4
28.5
30.6
31.5
ms
t/B
Break Period
Mode = row 1 or 5
63
66
69
ms
t/B
Break Period
Mode = row 3
31.5
33
34.5
ms
tM/
Make Period
Mode = row 2
38
40.8
42
ms
tM/
Make Period
Mode = row 4
19
20.4
21
ms
tM/
Make Period
Mode = row 1 or 5
31.5
33
34.5
ms
tM/
Make Period
Mode = row 3
15.7
16.5
17.3
ms
tPDP
Pre-Digit Pause
35
ms
tIDP
Inter Digit Pause
Mode = row 1, 2, 3, 4 or 5
fosc = 3.58 MHz
780
790
800
ms
tHS-H
High to Low Debounce
During LD dialing
270
ms
tMO
Mute Overhang
tM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com